Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 48 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 44Page - Microsemi Corporation VSC8658 Datasheet HTML 45Page - Microsemi Corporation VSC8658 Datasheet HTML 46Page - Microsemi Corporation VSC8658 Datasheet HTML 47Page - Microsemi Corporation VSC8658 Datasheet HTML 48Page - Microsemi Corporation VSC8658 Datasheet HTML 49Page - Microsemi Corporation VSC8658 Datasheet HTML 50Page - Microsemi Corporation VSC8658 Datasheet HTML 51Page - Microsemi Corporation VSC8658 Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
40
Note When bit 25.15 is set, the MDINT pin is enabled. When enabled, the state of this pin reflects the
state of bit 26.15. Clearing this bit only inhibits the MDINT pin from being asserted.
5.2.21
Interrupt Status
The status of interrupts already written to the device are available for reading from register 26 in the main
registers space. The following table shows the readouts you can expect.
9
Inline powered device (PoE) detect mask
R/W
This is a sticky bit.
1 = Enabled.
0
8:5
Reserved
RO
4
AMS media changed mask
R/W
This is a sticky bit.
1 = Enabled.
0
3
Reserved
RO
2
Link speed downshift detect mask
R/W
This is a sticky bit.
1 = Enabled.
0
1
Master/Slave resolution error mask
R/W
This is a sticky bit.
1 = Enabled.
0
0
Reserved
RO
Table 30 •
Interrupt Status, Address 26 (0x1A)
Bit
Name
Access
Description
Default
15
Interrupt status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
14
Speed state change status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
13
Link state change status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
12
FDX state change status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
11
Auto-negotiation error status
RO
This is a self-clearing bit.
1 = Interrupt pending.
10
Auto-negotiation complete status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
9
Inline powered device detect status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
8:5
Reserved
RO
4
AMS media changed status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
3Reserved
RO
2
Link speed downshift detect status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
1
Master/Slave resolution error status
RO
This is a self-clearing bit.
1 = Interrupt pending.
0
0Reserved
RO
Table 29 •
Interrupt Mask, Address 25 (0x19) (continued)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com