Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 61 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 57Page - Microsemi Corporation VSC8658 Datasheet HTML 58Page - Microsemi Corporation VSC8658 Datasheet HTML 59Page - Microsemi Corporation VSC8658 Datasheet HTML 60Page - Microsemi Corporation VSC8658 Datasheet HTML 61Page - Microsemi Corporation VSC8658 Datasheet HTML 62Page - Microsemi Corporation VSC8658 Datasheet HTML 63Page - Microsemi Corporation VSC8658 Datasheet HTML 64Page - Microsemi Corporation VSC8658 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
53
The following table lists the addresses and register names in the GPIO register page space. These
registers are accessible only when the device register 31 is set to 0x0010.
5.4.1
Reserved GPIO Address Space
The bits in registers 0G to 12G, and 14G of the GPIO register page space are reserved.
5.4.2
SIGDET vs GPIO Control
The SIGDET control register configures GPIO pins 7:0 to be either SIGDET pins for each port or to be
GPIO pins. The following table shows the values that can be written.
Table 52 •
General-Purpose Registers Page Space
Register Address
Register Name
0G through 12G
Reserved
13G
SIGDET vs GPIO control
14G
Reserved
15G
GPIO input
16G
GPIO output
17G
GPIO output enable
18G
100BASE-FX control
19G through 30G
Reserved
Table 53 •
SIGDET vs GPIO Control, Address 13G (0x0D)
Bit
Name
Access
Description
Default
15:14
SIGDET7 control
R/W
00 = Normal SIGDET operation
01, 10 = Reserved
11 = Controlled by MII registers 15G to 17G
0x00
13:12
SIGDET6 control
R/W
00 = Normal SIGDET operation
01, 10 = Reserved
11 = Controlled by MII registers 15G to 17G
0x00
11:10
SIGDET5 control
R/W
00 = Normal SIGDET operation
01, 10 = Reserved
11 = Controlled by MII registers 15G to 17G
0x00
9:8
SIGDET4 control
R/W
00 = Normal SIGDET operation
01, 10 = Reserved
11 = Controlled by MII registers 15G to 17G
0x00
7:6
SIGDET3 control
R/W
00 = Normal SIGDET operation
01, 10 = Reserved
11 = Controlled by MII registers 15G to 17G
0x00
5:4
SIGDET2 control
R/W
00 = Normal SIGDET operation
01, 10 = Reserved
11 = Controlled by MII registers 15G to 17G
0x00
3:2
SIGDET1 control
R/W
00 = Normal SIGDET operation
01, 10 = Reserved
11 = Controlled by MII registers 15G to 17G
0x00
1:0
SIGDET0 control
R/W
00 = Normal SIGDET operation
01, 10 = Reserved
11 = Controlled by MII registers 15G to 17G
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com