Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 64Page - Microsemi Corporation VSC8658 Datasheet HTML 65Page - Microsemi Corporation VSC8658 Datasheet HTML 66Page - Microsemi Corporation VSC8658 Datasheet HTML 67Page - Microsemi Corporation VSC8658 Datasheet HTML 68Page - Microsemi Corporation VSC8658 Datasheet HTML 69Page - Microsemi Corporation VSC8658 Datasheet HTML 70Page - Microsemi Corporation VSC8658 Datasheet HTML 71Page - Microsemi Corporation VSC8658 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
60
the EEPROM, refer to the EEPROM’s specific datasheet to ensure that write protection on the EEPROM
is not set.
The following illustration shows the interaction of the VSC8658 device and the EEPROM.
Figure 18 •
EEPROM Read and Write Register Flow
To read a value from a specific address of the EEPROM:
1.
Read the VSC8658 device register bit 21E.11, and ensure that it is set.
2.
Write the EEPROM address to be read to register bits 21E.10:0.
3.
Set both register bits 21E.12 and 21E.13 to 1.
4.
When register bit 21E.11 changes to 1, read the 8-bit data value found at register bits 22E.15:8. This
is the contents of the address just read by the PHY.
To write a value to a specific address of the EEPROM:
1.
Read the VSC8658 device register bit 21E.11 and ensure that it is set.
2.
Write the address to be written to register bits 21E.10:0.
3.
Set register bit 21E.12 to 0.
4.
Set register bits 22E.7:0 with the 8-bit value to be written to the EEPROM.
5.
Set register bit 21E.13 to 1.
To avoid collisions during read and write transactions, always wait until register bit 21E.11 changes to 1
before performing another EEPROM read or write operation.
Wait for Ready
21E.11 = 0
21E.11 = 1
Read or Write
21E.10:0 = Write Address
21E.12 = 0
22E.7:0 = Data to Write
Write EEPROM
Data
21E.10:0 = Address to Read
21E.12 = 1
21E.13 = 1
21E.13 = 1
Wait for Ready
21E.11 = 0
21E.11 = 1
Read EEPROM
Data
Read Data = 22E.15:8
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com