Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 5Page - Microsemi Corporation VSC8658 Datasheet HTML 6Page - Microsemi Corporation VSC8658 Datasheet HTML 7Page - Microsemi Corporation VSC8658 Datasheet HTML 8Page - Microsemi Corporation VSC8658 Datasheet HTML 9Page - Microsemi Corporation VSC8658 Datasheet HTML 10Page - Microsemi Corporation VSC8658 Datasheet HTML 11Page - Microsemi Corporation VSC8658 Datasheet HTML 12Page - Microsemi Corporation VSC8658 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
Revision History
VMDS-10242 VSC8658 Datasheet Revision 4.1
1
1
Revision History
This section describes the changes that were implemented in this document. The changes are listed by
revision, starting with the most current publication.
1.1
Revision 4.1
Revision 4.1 of this datasheet was published in June 2007. In revision 4.1, design consideration issues
were added. For more information, see LED3 Port 7 Coupling Issue into XTAL Clock Pin, page 85 and
100BASE-FX Clock Data Recovery Improvement, page 85.
1.2
Revision 4.0
Revision 4.0 of this datasheet was published in March 2007. The following is a summary of the changes
implemented in the datasheet:
•
In register 0, the definitions for bits 13 and 6 (forced speed selection) were combined, because they
are correlated.
•
Throughout the electrical specifications, all references to VDD33A were corrected to VDD33 and all
references to VDDIG were corrected to VDD12.
•
In the DC characteristics for VDDIO at 1.8 V, the condition for the output low voltage parameter
(VOL) was corrected from a negative value (IOL = –0.5 mA) to a positive value (IOL = 0.5 mA).
•
In the DC characteristics for VDD33 at 3.30 V, the output leakage (IOLEAK) was changed to match
the same values as the input leakage (IILEAK) with the same condition (internal resistor included).
Specifically, the values were changed from –10 µA minimum and 10 µA maximum to –42 µA
minimum and 42 µA maximum.
•
In the DC characteristics for MAC_RDP/N_n and SER_DOP/N_n pins, the total jitter parameter (TJ)
was updated from 160 ps typical to 185 ps typical and from 180 ps maximum to 260 ps maximum.
•
In the DC characteristics for MAC_TDP/N_n and SER_DIP/N_n pins, the input differential voltage
parameter (VIDIFF) was updated from 1400 mV maximum to 2400 mV maximum.
•
For better organization, the total receive jitter tolerance parameter (JRXTotal) was moved from the
MAC_RDP/N_n and SER_DOP/N_n pin characteristics to the MAC_TDP/N_n and SER_DIP/N_n
pin characteristics. The values were also updated to account for differences between 1000BASE-X
and 100BASE-FX modes.
•
In the DC characteristics for LED pins, a qualifier in the introductory paragraph was removed stating
that these specifications are valid only when a voltage range of 1.3 V to 2.3 V is applied to the LED
pins. For the low voltage parameter (VOL), the condition was corrected from a negative value (IOL =
–4.0 mA) to a positive value (IOL = 4.0 mA). The output low current drive strength parameter (IOL)
was updated from 4.0 mA maximum to 8.0 mA maximum. The maximum value for the output high
current drive strength parameter (IOH) was removed.
•
The current consumption specifications previously named 1000BASE-X/100BASE-FX mode are
now named 1000BASE-X mode. The current consumption specifications previously named
1000BASE-X mode are now named 100BASE-FX or SerDes pass-through mode.
•
The current consumption specifications were updated for 100BASE-FX or SerDes pass-through
mode (previously named 1000BASE-X mode). All of the parameters were updated, except for the
IVDDIO parameters, which remain the same.
•
In the stress ratings, for the DC input voltage on both the VDD12 and VDD12A supply pins, the
maximum was updated from 1.5 V to 1.4 V. The electrostatic discharge voltage values were added.
For charged device model, it was specified ±250 V. For human body model, it was specified as
meeting a Class 2 rating.
•
For the serial management interface (SMI) pins, it was clarified that EECLK and EEDAT are
referenced to VDD33, not VDDIO.
•
The moisture sensitivity was specified as level 3 for the VSC8658HJ package. For the lead(Pb)-free
package, VSC8658XHJ, it was specified as level 4.
•
Design consideration issues were added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com