Electronic Components Datasheet Search
  English  ▼

X  

VSC8658 Datasheet(PDF) 46 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 46 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 42Page - Microsemi Corporation VSC8658 Datasheet HTML 43Page - Microsemi Corporation VSC8658 Datasheet HTML 44Page - Microsemi Corporation VSC8658 Datasheet HTML 45Page - Microsemi Corporation VSC8658 Datasheet HTML 46Page - Microsemi Corporation VSC8658 Datasheet HTML 47Page - Microsemi Corporation VSC8658 Datasheet HTML 48Page - Microsemi Corporation VSC8658 Datasheet HTML 49Page - Microsemi Corporation VSC8658 Datasheet HTML 50Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
38
Note After configuring bits 13:8 of the extended PHY control register set 1, a software reset (register 0,
bit 15) must be written to change the device operating mode.
5.2.19
Extended PHY Control Set 2
The second set of extended controls is located in register 24 in the main register space for the device.
The following table shows the settings and readouts available.
10:8
Media operating
mode
R/W
This is a super-sticky bit.
000 = Cat5 copper only.
001 = SerDes fiber/SFP pass-through mode
only. No auto-negotiation performed in the
PHY.
010 = 1000BASE-X fiber/SFP media only with
auto-negotiation performed by the PHY.
011 = 100BASE-X fiber/SFP on the fiber
media pins only
101 = Auto-Media Sense with Cat5 media or
SerDes fiber/SFP pass-through mode.
110 = Auto-Media Sense with Cat5 media or
1000BASE-X fiber/SFP media with auto-
negotiation performed by PHY.
111 = Auto-Media Sense with Cat5 media or
100BASE-FX fiber/SFP media.
100 = Reserved.
CMODE
7:6
Force AMS override
R/W
00 = Normal auto-media selection (AMS).
01 = Force AMS to select SerDes media only.
10 = Force AMS to select copper media only.
11 = Reserved.
00
5:4
Reserved
RO
3
Far-end loopback
mode
R/W
1 = Enabled.
0
2
Reserved
RO
1
SGMII alignment
error status
RO
This is a self-clearing bit.
1 = Alignment error detected since last read.
0
0
EEPROM status
RO
1 = EEPROM present on EECLK and EEDAT
pins.
0
Table 28 •
Extended PHY Control 2, Address 24 (0x18)
Bit
Name
Access
Description
Default
15:13
100BASE-TX edge
rate control
R/W
This is a sticky bit.
011 = +5 Edge rate (slowest).
010 = +4 Edge rate.
001 = +3 Edge rate.
000 = +2 Edge rate.
111 = +1 Edge rate.
110 = Default edge rate.
101 = –1 Edge rate.
100 = –2 Edge rate (fastest).
110
12
PICMG 2.16 reduced
power mode
R/W
This is a sticky bit.
1 = Enabled.
0
Table 27 •
Extended PHY Control 1, Address 23 (0x17) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com