Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 179 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 179 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 175Page - National Semiconductor (TI) PC8374L Datasheet HTML 176Page - National Semiconductor (TI) PC8374L Datasheet HTML 177Page - National Semiconductor (TI) PC8374L Datasheet HTML 178Page - National Semiconductor (TI) PC8374L Datasheet HTML 179Page - National Semiconductor (TI) PC8374L Datasheet HTML 180Page - National Semiconductor (TI) PC8374L Datasheet HTML 181Page - National Semiconductor (TI) PC8374L Datasheet HTML 182Page - National Semiconductor (TI) PC8374L Datasheet HTML 183Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
179
www.national.com
8.5.58 Temperature Zone3 Gain and Offset Correction
Temperature gain and offset correction for Zone3 temperature monitoring.
Location: 7Fh
Type:
R/W (Becomes read-only when LOCK bit in the Configuration register is set.)
8.5.59 Enhanced Thermal Control Register
Location: 80h
Type:
R/W (Becomes read-only when LOCK bit in the Configuration register is set.)
Bit
Description
7-6
GAIN (Gain Correction). Same as GAIN in Temperature Zone1 Gain and Offset Correction register, but for
Temperature Zone2.
5-4
Reserved.
3-0
OFFSET (Offset Correction). Same as OFFSET in Temperature Zone1 Gain and Offset Correction register, but
for Temperature Zone2.
Bit
76543210
Name
GAIN
Reserved
OFFSET
Reset
0
0
0
0
0
0
0
0
Bit
Description
7-6
GAIN (Gain Correction). Same as GAIN in Temperature Zone1 Gain and Offset Correction register, but for
Temperature Zone3.
5-4
Reserved.
3-0
OFFSET (Offset Correction). Same as OFFSET in Temperature Zone1 Gain and Offset Correction register, but
for Temperature Zone3.
Bit
76543210
Name
Reserved
ETC_EN
Reset
0
0
0
0
0
0
0
1
Bit
Description
7-1
Reserved
0
ETC_EN. When set to 1, the ETC internal signal is asserted if one of the following conditions is true:
• The temperature data value in Temperature Zone1 is higher than the critical limit set in the Temperature Crit-
ical Limit Zone1 register.
• A communication error with Device 1 (LM96011 or LM96010 or LM96012) occurs.
• A major SensorPath Bus failure is detected.
An asserted ETC signal turns off the Main power supply (via the Glue module). The resulting ETC signal is
disabled when the VDD3 power is off and remains disabled until both of the following conditions are met:
• The delay time (182 ms) for enabling VDD channels (see Section 8.5.55 on page 177) after VDD3 power is
turned on, has elapsed.
• The temperature data in Temperature Zone1 was updated with a new value by the LMxx Sensor device
If the temperature data from Device 1 (LM96011 or LM96010 or LM96012) is not updated for 728 ms after VDD3
power is on (see “Time-Out Function” on page 133), the HM assumes a communication error with the LMxx Sensor
device occurred and asserts ETC.
0: Disable assertion of ETC
1: Enable assertion of ETC (default)
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com