Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 182 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 182 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 178Page - National Semiconductor (TI) PC8374L Datasheet HTML 179Page - National Semiconductor (TI) PC8374L Datasheet HTML 180Page - National Semiconductor (TI) PC8374L Datasheet HTML 181Page - National Semiconductor (TI) PC8374L Datasheet HTML 182Page - National Semiconductor (TI) PC8374L Datasheet HTML 183Page - National Semiconductor (TI) PC8374L Datasheet HTML 184Page - National Semiconductor (TI) PC8374L Datasheet HTML 185Page - National Semiconductor (TI) PC8374L Datasheet HTML 186Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
182
Revision1.1
8.5.64 Zone2 Temperature Limit
Location: 68h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
8.5.65 Zone3 Temperature Limit
Location: 69h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
8.5.66 Zone1 Absolute Temperature Limit
Location: 6Ah
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
8.5.67 Zone2 Absolute Temperature Limit
Location: 6Bh
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
Bit
76543210
Name
ZTEMP_LOW
Reset
00000000
Bit
Description
7-0
ZTEMP_LOW. Same as ZTEMP_LOW in Zone1 Temperature Limit register, but for Zone2.
Bit
76543210
Name
ZTEMP_LOW
Reset
00000000
Bit
Description
7-0
ZTEMP_LOW. Same as ZTEMP_LOW in Zone1 Temperature Limit register, but for Zone3.
Bit
76543210
Name
ZTEMP_ABS
Reset
0
1
1
00100
Bit
Description
7-0
ZTEMP_ABS. Selects the temperature value for the absolute limit. When the associated zone temperature is
above the absolute limit, the duty cycle of all the FANPWM outputs is forced to full on (i.e., the value contained
in the FANPWM1 MAX Duty register). When the zone temperature returns below the absolute limit, an 8
°C
hysteresis is provided.
ZTEMP_ABS format is the same as the format of the corresponding Temperature Reading Zone1 register (see
Section 8.5.6 on page 157). This format is dependent on the setting of the ZONE1_RANGE bit in the Monitor Control
Register (see Section 8.5.54 on page 176). The default value is 64h (100
°C for 1°C resolution, 200°C for 2°C reso-
lution). Valid values for this field are from 81h to 7Fh. A value of 80h disables the Absolute Limit.
Bit
76543210
Name
ZTEMP_ABS
Reset
01100100
Bit
Description
7-0
ZTEMP_ABS. Same as ZTEMP_ABS in Zone1 Absolute Temperature Limit register, but for Zone2.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com