Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 186 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 186 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 182Page - National Semiconductor (TI) PC8374L Datasheet HTML 183Page - National Semiconductor (TI) PC8374L Datasheet HTML 184Page - National Semiconductor (TI) PC8374L Datasheet HTML 185Page - National Semiconductor (TI) PC8374L Datasheet HTML 186Page - National Semiconductor (TI) PC8374L Datasheet HTML 187Page - National Semiconductor (TI) PC8374L Datasheet HTML 188Page - National Semiconductor (TI) PC8374L Datasheet HTML 189Page - National Semiconductor (TI) PC8374L Datasheet HTML 190Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
186
Revision1.1
8.5.74 Min/Off, Spike Smoothing 1
Location: 62h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
Table 59. Temperature Filtering Configuration
8.5.75 Min/Off, Spike Smoothing 2
Location: 63h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
Bit
76543210
Name
MIN_EN3
MIN_EN2
MIN_EN1
Reserved
FILT1_EN
TEMP_FILT1
Reset
00000000
Bit
Description
7
MIN_EN3. Enables using Minimum PWM Duty Cycle 3 (see Section 8.5.81 on page 189) for FANPWM3 when
the measured temperature falls below the Zone ‘n’ Temperature Limit register.
0: FANPWM duty cycle at 0% when the temperature is below limit (default)
1: FANPWM duty cycle at Minimum PWM Duty Cycle when the temperature is below limit
6
MIN_EN2. Enables using Minimum PWM Duty Cycle 2 (see Section 8.5.80 on page 189) for FANPWM2 when
the measured temperature falls below the Zone ‘n’ Temperature Limit register.
0: FANPWM duty cycle at 0% when the temperature is below limit (default)
1: FANPWM duty cycle at Minimum PWM Duty Cycle when the temperature is below limit
5
MIN_EN1. Enables using Minimum PWM Duty Cycle 1 (see Section 8.5.79 on page 189) for FANPWM1 when
the measured temperature falls below the Zone ‘n’ Temperature Limit register.
0: FANPWM duty cycle at 0% when the temperature is below limit (default)
1: FANPWM duty cycle at Minimum PWM Duty Cycle when the temperature is below limit
4
Reserved.
3
FILT1_EN. Enable temperature filtering for Zone1.
2-0
TEMP_FILT1. Sets temperature low-pass filtering for temperature input to FANPWM1 Duty Cycle generator
according to Table 59 on page 186. Filter rise time is from 0% to 95% of the input temperature change. This field
may be changed only when the START bit in Configuration register is set to 0.
TEMP_FILT
Rise Time [sec]
‘000’
24.4(default)
‘001’
13.8
‘010’
8.4
‘011’
6.4
‘100’
3.6
‘101’
1.4
‘110’
1.0
‘111’
0.62
Bit
76543210
Name
FILT2_EN
TEMP_FILT2
FILT3_EN
TEMP_FILT3
Reset
00000000
Bit
Description
7
FILT2_EN. Enable temperature filtering for Zone2.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com