Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 184Page - National Semiconductor (TI) PC8374L Datasheet HTML 185Page - National Semiconductor (TI) PC8374L Datasheet HTML 186Page - National Semiconductor (TI) PC8374L Datasheet HTML 187Page - National Semiconductor (TI) PC8374L Datasheet HTML 188Page - National Semiconductor (TI) PC8374L Datasheet HTML 189Page - National Semiconductor (TI) PC8374L Datasheet HTML 190Page - National Semiconductor (TI) PC8374L Datasheet HTML 191Page - National Semiconductor (TI) PC8374L Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
188
Revision1.1
Table 61. Spin-Up Configuration
8.5.77 FANPWM2 Control Configuration
Location: 5Dh
Type:
Varies per bit (The R/W bits become read-only when LOCK bit in the Configuration register is set.)
8.5.78 FANPWM3 Control Configuration
Location: 5Eh
Type:
Varies per bit (The R/W bits become read-only when LOCK bit in the Configuration register is set.)
SPIN
Spin-Up Time
‘0000’
0
‘0001’
91 ms
‘0010’
182 ms (default)
‘0011’
364 ms
‘0100’
728 ms
‘0101’
1.45 s
‘0110’
2.91 s
‘0111’
5.82 s
‘1000’
11.65 s
‘1001’
23.3 s
Others
Reserved
Bit
76543210
Name
MODE
INV
SPIN
Reset
01100010
Bit
Type
Description
7-5
R/W or
RO
MODE. Same as MODE in FANPWM1 Control Configuration register, but for FANPWM2.
4WO
INV (FANPWM2 Output Invert). Same as INV in FANPWM1 Control Configuration register, but for
FANPWM2.
3-0
R/W or
RO
SPIN. Same as SPIN in FANPWM1 Control Configuration register, but for FANPWM2.
Bit
76543210
Name
MODE
INV
SPIN
Reset
01100010
Bit
Type
Description
7-5 R/W or
RO
MODE. Same as MODE in FANPWM1 Control Configuration register, but for FANPWM3.
4WO
INV (FANPWM3 Output Invert). Same as INV in FANPWM1 Control Configuration register, but for
FANPWM3.
3-0 R/W or
RO
SPIN. Same as SPIN in FANPWM1 Control Configuration register, but for FANPWM3.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com