Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 187 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 187 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 183Page - National Semiconductor (TI) PC8374L Datasheet HTML 184Page - National Semiconductor (TI) PC8374L Datasheet HTML 185Page - National Semiconductor (TI) PC8374L Datasheet HTML 186Page - National Semiconductor (TI) PC8374L Datasheet HTML 187Page - National Semiconductor (TI) PC8374L Datasheet HTML 188Page - National Semiconductor (TI) PC8374L Datasheet HTML 189Page - National Semiconductor (TI) PC8374L Datasheet HTML 190Page - National Semiconductor (TI) PC8374L Datasheet HTML 191Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
187
www.national.com
8.5.76 FANPWM1 Control Configuration
Location: 5Ch
Type:
Varies per bit (The R/W bits become read-only when LOCK bit in the Configuration register is set.)
Table 60. Fan Operating Mode Configuration
6-4
TEMP_FILT2. Sets temperature low-pass filtering for temperature input to FANPWM2 Duty Cycle generator
according to Table 59. Filter rise time is from 0% to 95% of the input temperature change. This field may be
changed only when the START bit in Configuration register is set to 0.
3
FILT3_EN. Enable temperature filtering for Zone3.
2-0
TEMP_FILT3. Sets temperature low-pass filtering for temperature input to FANPWM3 Duty Cycle generator
according to Table 59. Filter rise time is from 0% to 95% of the input temperature change. This field may be
changed only when the START bit in Configuration register is set to 0.
Bit
76543210
Name
MODE
INV
SPIN
Reset
01100010
Bit
Type
Description
7-5
R/W or
RO
MODE. Sets fan operation mode and temperature zone association according to Table 60.
In Auto Mode the FANPWM duty cycle is controlled by the temperature data supplied by the associated
Zone or by the hottest of the associated Zones. In Manual Mode the FANPWM is controlled by the
contents of the associated PWM Current Duty Register.
4WO
INV (FANPWM1 Output Invert). Sets polarity of FANPWM1 output signal. The value of INV is reflected
by the respective (read-only) FANOUTn_INV bit in the HMCFG1 register (see Section 3.15.3 on page 79).
INV bit is write-only; reading it returns an unpredictable value.
0: Normal signal - 100% duty cycle represents a high-level signal (default)
1: Inverted signal - 100% duty cycle represents a low-level signal
3-0
R/W or
RO
SPIN. Sets maximum spin-up time according to Table 61. During spin-up, the FANPWM duty cycle is the
value contained in the associated FANPWMn MAX Duty register.
MODE
Meaning
‘000’
FANPWM on Zone1 auto
‘001’
FANPWM on Zone2 auto
‘010’
FANPWM on Zone3 auto
‘011’
FANPWM always on full (default)
‘100’
FANPWM disabled
‘101’
FANPWM controlled by hottest of zones 2,3
‘110’
FANPWM controlled by hottest of zones 1,2,3
‘111’
FANPWM manually controlled
Bit
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com