Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 187Page - National Semiconductor (TI) PC8374L Datasheet HTML 188Page - National Semiconductor (TI) PC8374L Datasheet HTML 189Page - National Semiconductor (TI) PC8374L Datasheet HTML 190Page - National Semiconductor (TI) PC8374L Datasheet HTML 191Page - National Semiconductor (TI) PC8374L Datasheet HTML 192Page - National Semiconductor (TI) PC8374L Datasheet HTML 193Page - National Semiconductor (TI) PC8374L Datasheet HTML 194Page - National Semiconductor (TI) PC8374L Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
191
www.national.com
8.5.86 Extended FANPWM Control 2
Location: 77h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
5
SPIN_END (Spin-Up End Select). Selects the condition used by the HM to end the spin-up process.
When the condition is met, the spin-up process ends and the FANPWM duty cycle is set to one of the following
values:
• The value set in FANPWMn Current Duty register, in Manual Fan Control mode
• The value generated from the current normalized temperature by the automatic algorithm, in Automatic Fan
Control mode (this value is updated in the FANPWMn Current Duty register)
• The value set in FANPWMn MAX Duty register, in Continuously On mode
The conditions are:
0: Whichever occurs first: either the spin-up time (set in SPIN field in the FANPWMn Control Configuration regis-
ter) has ended or the current fan speed is equal to or higher than either the minimum value of all the associated
Fan Tachometer ‘n’ Low Limit (LSB and MSB) registers.
1: Spin-up time has ended (default).
4
SPIN_DUTY. Determines the value shown in the FANPWM1-3 Current Duty registers (see Section 8.5.17 on
page 161 to Section 8.5.19) during spin-up.
0: FANPWMn Current Duty registers show 0 during spin-up (default)
1: FANPWMn Current Duty registers show the target duty cycle during spin-up
3-0
STEP_LEN. The step length used for soft speed-change of the FANPWM duty-cycle (the steps performed above
the minimum duty cycle value).
00h:
Reserved
01h - 0Fh: The duration of a “soft” step equals the STEP_LEN value, multiplied by 22.75 ms (default is 08h=182
ms)
Bit
76543210
Name
Reserved
SPD_CHG3 SPD_CHG2 SPD_CHG1
Reset
00000000
Bit
Description
7-3
Reserved.
2
SPD_CHG3. Sets the speed-change mode for FANPWM3 output for all fan control modes.
0: Hard speed change - the speed change is done in one single and immediate step (default)
1: Soft speed change - speed change is done in steps of 3.125% duty-cycle
Note: Speed change between a duty-cycle of 0% and the minimum duty-cycle (which is defined in the
FANPWM3 Minimum register) is done in one immediate step.
1
SPD_CHG2. Same as SPD_CHG3 for FANPWM2.
0
SPD_CHG1. Same as SPD_CHG3 for FANPWM1.
Bit
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com