Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 186Page - National Semiconductor (TI) PC8374L Datasheet HTML 187Page - National Semiconductor (TI) PC8374L Datasheet HTML 188Page - National Semiconductor (TI) PC8374L Datasheet HTML 189Page - National Semiconductor (TI) PC8374L Datasheet HTML 190Page - National Semiconductor (TI) PC8374L Datasheet HTML 191Page - National Semiconductor (TI) PC8374L Datasheet HTML 192Page - National Semiconductor (TI) PC8374L Datasheet HTML 193Page - National Semiconductor (TI) PC8374L Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
190
Revision1.1
8.5.83 FANPWM2 Maximum Duty
FANPWM2 maximum duty cycle.
Location: 71h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
8.5.84 FANPWM3 Maximum Duty
FANPWM3 maximum duty cycle.
Location: 72h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
8.5.85 Extended FANPWM Control 1
Location: 76h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
Bit
76543210
Name
MAX_PWM
Reset
11111111
Bit
Description
7-0
MAX_PWM. Same as MAX_PWM of FANPWM1 Maximum Duty register, but for FANPWM2.
Bit
76543210
Name
MAX_PWM
Reset
1
1
1
1
1
1
1
1
Bit
Description
7-0
MAX_PWM. Same as MAX_PWM of FANPWM1 Maximum Duty register, but for FANPWM3.
Bit
76543210
Name
Reserved
FSTLMD
SPIN_END
SPIN_DUTY
STEP_LEN
Reset
00100000
Bit
Description
7
Reserved.
6
FSTLMD (FAN_STALL Mode). Selects the fan conditions causing the detection of a fan failure, which sets both
the FANn_STALL status bit in the Status Register 2 (see Section 8.5.24 on page 165), and the FANn_STS bit
in the HM Sensor Status Register 2 (see Section 8.4.9 on page 148) to 1.
0: Either a fan stalled condition or a low speed condition, whichever occurs first (default)
1: A fan stalled condition only
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com