Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 176Page - National Semiconductor (TI) PC8374L Datasheet HTML 177Page - National Semiconductor (TI) PC8374L Datasheet HTML 178Page - National Semiconductor (TI) PC8374L Datasheet HTML 179Page - National Semiconductor (TI) PC8374L Datasheet HTML 180Page - National Semiconductor (TI) PC8374L Datasheet HTML 181Page - National Semiconductor (TI) PC8374L Datasheet HTML 182Page - National Semiconductor (TI) PC8374L Datasheet HTML 183Page - National Semiconductor (TI) PC8374L Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
180
Revision1.1
8.5.60 Tach Mode
Location: 43h
Type:
R/W
Table 55. Fan Monitoring Configuration
8.5.61 Tachometer Monitoring Control
Location: 78h
Type:
R/W or RO (Becomes read-only when LOCK bit in the Configuration register is set.)
Bit
76543210
Name
Reserved
FAN4_
MODE
FAN3_
MODE
FAN2_
MODE
FAN1_
MODE
Reset
00000000
Bit
Description
7-4
Reserved.
3-0
FAN4_MODE-FAN1_MODE. Sets Fan4-Fan1 monitoring mode according to Table 55.
FANn_MODE
Description
0
Measurements performed independently of any FANPWM output (default).
Each measurement lasts one or two tachometer cycles, according to TPPR
bit in Tachometer Monitoring Control register.
1
Measurements performed when the associated1 FANPWM is at “On” level.
The “On” level of the FANPWM signal can be extended to 1/2, one or two
tachometer cycles, according to TPPR bit.
A successful measurement requires only 1/2 a tachometer cycle.
1. See Tach PWM Association Register in Section 8.5.62 on page 181.
Bit
76543210
Name
Reserved
TPPR4
TPPR3
TPPR2
TPPR1
Reset
00000000
Bit
Description
7-4
Reserved.
3
TPPR4 (Tachometer Pulses Per Revolution 4). Selects the number of pulses per fan revolution generated by
FANTACH4 (and thus the division factor for the normalization of the fan speed data in the Fan Tachometer
Reading 4 registers).
0: Two pulses per revolution (default)
1: One pulse per revolution
2
TPPR3 (Tachometer Pulses Per Revolution 3). Same as TPPR4, but for FANTACH3.
1
TPPR2 (Tachometer Pulses Per Revolution 2). Same as TPPR4, but for FANTACH2.
0
TPPR1 (Tachometer Pulses Per Revolution 1). Same as TPPR4, but for FANTACH1.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com