Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 219 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 219 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 215Page - National Semiconductor (TI) PC8374L Datasheet HTML 216Page - National Semiconductor (TI) PC8374L Datasheet HTML 217Page - National Semiconductor (TI) PC8374L Datasheet HTML 218Page - National Semiconductor (TI) PC8374L Datasheet HTML 219Page - National Semiconductor (TI) PC8374L Datasheet HTML 220Page - National Semiconductor (TI) PC8374L Datasheet HTML 221Page - National Semiconductor (TI) PC8374L Datasheet HTML 222Page - National Semiconductor (TI) PC8374L Datasheet HTML 223Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 239 page
background image
10.0 Device Characteristics (Continued)
Revision 1.1
219
www.national.com
10.4 AC ELECTRICAL CHARACTERISTICS
10.4.1 AC Test Conditions
Figure 44. AC Test Conditions, TA =0°Cto70°C, VSUP = 3.3V ±10%
Notes:
1. VSUP is either VDD3 or VSB3, according to the pin power well.
2. CL = 50 pF for all output pins except the following pin groups:
− CL = 100 pF for Serial Port 1 and 2 pins (see Section 1.4.2 on page 21), Parallel Port pins
(see Section 1.4.4 on page 22) and Floppy Disk Controller pins (see Section 1.4.5 on page 23).
− CL = 40 pF for IDE_RSTDRV pin.
− CL = 400 pF for SMBus pins (see “SMBus Voltage Translation and Isolation Timing” on page 235).
These values include both jig and oscilloscope capacitance.
3. S1 = Open
− for push-pull output pins.
S1 = VSUP
− for high impedance to active low and active low to high-impedance transition measurements.
S1 = GND
− for high impedance to active high and active high to high-impedance transition measurements.
RL = 1.0 KΩ− for all the pins
4. For the FDC open-drain interface pins, S1 = VDD3 and RL = 150Ω.
10.4.2 Reset Timing
VSB Power-Up Reset
Symbol Figure
Description
Reference Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
tIRST
45
Internal Power-Up Reset
Time
VSB3 power-up to
end of internal reset
Ended by
32 KHz
Clock Domain
t32KW +t32KVAL
2 +
17 * tCP
2. t32KW +t32KVAL from VSB3 power-up to 32 KHz domain toggling; see “Low-Frequency Clock Timing” on page 223.
46
Ended by
PCI_RESET
tLRST
tLRST
46
PCI_RESET active time
VSB3 power-up to end of PCI_RESET
10 ms
tIPLV
46
Internal VsbStrap1 strap pull-
up resistor, valid time3
3. Active only during VSB3 Power-Up reset.
Before end of internal reset
tIRST
tEPLV
46
External VsbStrap1 strap pull-
down resistor, valid time
Before end of internal reset
tIRST
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit
AC Testing Input, Output Waveform
VSUP
2.4
0.4
2.0
0.8
Test Points
2.0
0.8
(unless otherwise specified)
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com