Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 212Page - National Semiconductor (TI) PC8374L Datasheet HTML 213Page - National Semiconductor (TI) PC8374L Datasheet HTML 214Page - National Semiconductor (TI) PC8374L Datasheet HTML 215Page - National Semiconductor (TI) PC8374L Datasheet HTML 216Page - National Semiconductor (TI) PC8374L Datasheet HTML 217Page - National Semiconductor (TI) PC8374L Datasheet HTML 218Page - National Semiconductor (TI) PC8374L Datasheet HTML 219Page - National Semiconductor (TI) PC8374L Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 239 page
background image
10.0 Device Characteristics (Continued)
www.national.com
216
Revision1.1
10.2.9 Output, TTL/CMOS Compatible, Open-Drain Buffer
Symbol: ODn
Output, TTL/CMOS-compatible open-drain output buffer capable of sinking n mA. Output from these signals is open-
drain and is never forced high.
10.2.10
Output, PCI 3.3V Compatible
Symbol: OPCI
10.2.11
Analog Output
Symbol: AO
10.2.12
Input/Output Switch, SMBus Compatible
Symbol: SWSM
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
IOL = n mA
0.4
V
IOL =50 µA
0.2
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
lout = −500 µA
0.9 VDD3
V
VOL
Output Low Voltage
lout = 1500 µA
0.1 VDD3
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOR
Output Voltage Range
0
5.51
1. Not tested. Guaranteed by characterization.
V
VOD
Output Drive Voltage
lout = −3.6 mA
VSUP
2 − 150 mV
2. VSUP is VDD3 or VSB3 according to the pin power well.
lOL
Output Leakage Current
VOUT =VOR,VSUP <VOUT
20
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VDRP
Pin-to-Pin Voltage Drop
ISW = ±3 mA, Switch Closed
1501
1. Not tested. Guaranteed by characterization.
mV
VISC
Input Voltage for Switch Closed
ISW = ±3mA
1.51
V
VISO
Input Voltage for Switch Open
ISW = ±20 µA
2.25
V
IIL
Input Leakage Current
VISO <VIN < 5.5V
±201
µA
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com