Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 212 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 212 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 208Page - National Semiconductor (TI) PC8374L Datasheet HTML 209Page - National Semiconductor (TI) PC8374L Datasheet HTML 210Page - National Semiconductor (TI) PC8374L Datasheet HTML 211Page - National Semiconductor (TI) PC8374L Datasheet HTML 212Page - National Semiconductor (TI) PC8374L Datasheet HTML 213Page - National Semiconductor (TI) PC8374L Datasheet HTML 214Page - National Semiconductor (TI) PC8374L Datasheet HTML 215Page - National Semiconductor (TI) PC8374L Datasheet HTML 216Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 239 page
background image
www.national.com
212
Revision1.1
10.0 Device Characteristics
10.1 GENERAL DC ELECTRICAL CHARACTERISTICS
10.1.1 Recommended Operating Conditions
10.1.2 Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur. Unless otherwise specified, all volt-
ages are relative to ground (VSS).
10.1.3 Capacitance
Symbol
Parameter
Min
Typ
Max
Unit
VDD3
Main 3V Supply Voltage
3.0
3.3
3.6
V
VSB3
Standby 3V Supply Voltage
3.0
3.3
3.6
V
VBAT
Battery Backup Supply Voltage
2.4
3.0
3.6
V
TA
Operating Temperature
0
+70
°C
Symbol
Parameter
Conditions
Min
Max
Unit
VSUP
Supply Voltage1
1. VSUP is VDD3, VSB3.
−0.5
+4.1
V
VI
Input Voltage
All other pins
−0.5
5.5
V
LAD3-0, LFRAME, SERIRQ
−0.5
VDD3 + 0.5
V
VO
Output Voltage
All other pins
−0.5
5.5
V
LAD3-0, LDRQ, SERIRQ
−0.5
VDD3 + 0.5
V
TSTG
Storage Temperature
−65
+165
°C
PD
Power Dissipation
1W
TL
Lead Temperature Soldering (10 s)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω2
2. Value based on test complying with RAI-5-048-RA human body model ESD testing.
2000
V
Symbol
Parameter
Conditions
Min2
Typ1
1. TA = 25°C; f = 1 MHz.
Max2
2. Not tested. Guaranteed by characterization.
Unit
CIN
Input Pin Capacitance
4
5
pF
CINC
LPC Clock Input Capacitance
PCI_CLK
5
8
12
pF
CPCI
LPC Pin Capacitance
LAD3-0, LFRAME, PCI_RESET,
SERIRQ, LDRQ
810
pF
CIO
I/O Pin Capacitance
8
10
pF
CO
Output Pin Capacitance
6
8
pF
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com