Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 206Page - National Semiconductor (TI) PC8374L Datasheet HTML 207Page - National Semiconductor (TI) PC8374L Datasheet HTML 208Page - National Semiconductor (TI) PC8374L Datasheet HTML 209Page - National Semiconductor (TI) PC8374L Datasheet HTML 210Page - National Semiconductor (TI) PC8374L Datasheet HTML 211Page - National Semiconductor (TI) PC8374L Datasheet HTML 212Page - National Semiconductor (TI) PC8374L Datasheet HTML 213Page - National Semiconductor (TI) PC8374L Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 239 page
background image
9.0 Legacy Functional Blocks (Continued)
www.national.com
210
Revision1.1
9.6
KEYBOARD AND MOUSE CONTROLLER (KBC)
9.6.1
General Description
The KBC is implemented physically as a single hardware module and houses two separate logical devices: a mouse con-
troller (Logical Device 5) and a keyboard controller (Logical Device 6). The KBC is functionally equivalent to the industry
standard 8042AH keyboard controller. The 8042AH datasheet can be used as a detailed technical reference for the KBC.
The hardware KBC module is integrated to provide the following pin functions: KBRST (P20), GA20 (P21), KBDAT, KBCLK,
MDAT and MCLK. KBRST and GA20 are implemented as bi-directional open-drain pins with internal active pull-up. The key-
board and mouse interfaces are implemented as bi-directional open-drain pins. Their internal connections are shown in Fig-
ure 41.
Ports P10-P17 and P22-P27 of the KBC core are not available on dedicated pins; neither are T0 and T1. P10, P11, P22,
P23, P26, P27, T0 and T1 are used to implement the keyboard and mouse interface.
The KBC executes a program fetched from an on-chip 2 Kbyte ROM. The code programmed in this ROM is user-customiz-
able. The KBC has two interrupt request signals: one for the keyboard and one for the mouse. The interrupt requests are
implemented using ports P24 and P25 of the KBC core. The interrupt requests are controlled exclusively by the KBC firm-
ware, except for the IRQ type and number, which are set by configuration registers (see Section 3.2.3 on page 39).
The interrupt requests are implemented as bi-directional signals. When an I/O port is read, all unused bits return the value
latched in the output registers of the ports.
For KBC firmware that implements interrupt-on-OBF schemes, the following is the recommended implementation:
1. Put the data in DBBOUT.
2. Set the appropriate port bit to issue an interrupt request.
02h
SIR_PW
SIR Pulse Width Control
R/W
03h
BSR
Bank Select
R/W
04-07h
Reserved
Table 102. Bank 7 Register Map
Offset
Mnemonic
Register Name
Type
00h
IRRXDC
IR Receiver Demodulator Control
R/W
01h
IRTXMC
IR Transmitter Modulator Control
R/W
02h
RCCFG
CEIR Configuration
R/W
03h
BSR
Bank Select
R/W
04h
IRCFG1
IR Interface Configuration 1
R/W
05h-06h
Reserved
07h
IRCFG4
IR Interface Configuration 4
R/W
Table 101. Bank 6 Register Map
Offset
Mnemonic
Register Name
Type
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com