Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 202Page - National Semiconductor (TI) PC8374L Datasheet HTML 203Page - National Semiconductor (TI) PC8374L Datasheet HTML 204Page - National Semiconductor (TI) PC8374L Datasheet HTML 205Page - National Semiconductor (TI) PC8374L Datasheet HTML 206Page - National Semiconductor (TI) PC8374L Datasheet HTML 207Page - National Semiconductor (TI) PC8374L Datasheet HTML 208Page - National Semiconductor (TI) PC8374L Datasheet HTML 209Page - National Semiconductor (TI) PC8374L Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 239 page
background image
9.0 Legacy Functional Blocks (Continued)
www.national.com
206
Revision1.1
9.5 SERIAL PORT 2 (SP2) WITH INFRARED
9.5.1
General Description
This functional block (SP2) provides advanced, versatile serial communications features with IR capabilities. It supports four
modes of operation: UART, Sharp-IR, IrDA 1.0 SIR (hereafter SIR) and Consumer Electronic IR (also called TV Remote or
Consumer remote control, hereafter CEIR). In UART mode, the Serial Port can function in 16450-Compatible mode, 16550-
Compatible mode, or Extended mode.
Existing 16550-based legacy software is completely and transparently supported. Organization and specific fallback mech-
anisms switch the Serial Port to 16550-Compatible mode on reset, or when initialized by 16550 software.
9.5.2
UART Register Bank Overview
Eight register banks, each containing eight registers, control Serial Port operation. All registers use the same 8-byte address
space to indicate offsets 00h through 07h. The active bank must be selected by the software.
The register bank organization enables access to the banks as required for activation of all module modes, while maintaining
transparent compatibility with 16450 or 16550 software.
The Bank Selection register (BSR) selects the active bank and is common to all banks. See Figure 40. Therefore, each bank
defines seven new registers.
Table 91. Bank 6 Bitmap
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
IRCR3
SHDM_DS SHDM_DS
Reserved
01h
Reserved
02h
SIR_PW
Reserved
SPW3-0
03h
BSR
BKSE
BSR6-0
04-07h
Reserved
Table 92. Bank 7 Bitmap
Register
Bits
Offset
Mnemonic
7
6
543210
00h
IRRXDC
DBW2-0
DFR4-0
01h
IRTXMC
MCPW2-0
MCFR4-0
02h
RCCFG
R_LEN
T_OV
RXHSC
RCDM_DS Reserved
TXHSC
RC_MMD1-0
03h
BSR
BKSE
BSR6-0
04h
IRCFG1
STRV_MS
SIRC2-0
IRID3
IRIC2-0
05h
Reserved
06h
Reserved
07h
IRCFG4
Reserved
IRSL0_DS
RXINV
IRSL12_DS
Reserved
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com