Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 203 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 203 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 199Page - National Semiconductor (TI) PC8374L Datasheet HTML 200Page - National Semiconductor (TI) PC8374L Datasheet HTML 201Page - National Semiconductor (TI) PC8374L Datasheet HTML 202Page - National Semiconductor (TI) PC8374L Datasheet HTML 203Page - National Semiconductor (TI) PC8374L Datasheet HTML 204Page - National Semiconductor (TI) PC8374L Datasheet HTML 205Page - National Semiconductor (TI) PC8374L Datasheet HTML 206Page - National Semiconductor (TI) PC8374L Datasheet HTML 207Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 239 page
background image
9.0 Legacy Functional Blocks (Continued)
Revision 1.1
203
www.national.com
Table 80. Bank 3 Register Map
Offset
Mnemonic
Register Name
Type
00h
MRID
Module Identification and Revision ID
RO
01h
SH_LCR
Shadow of LCR
RO
02h
SH_FCR
Shadow of FIFO Control
RO
03h
BSR
Bank Select
R/W
04h-07h
Reserved
Table 81. Bank 4 Register Map
Offset
Mnemonic
Register Name
Type
00-01h
Reserved
02h
IRCR1
IR Control 1
R/W
03h
BSR
Bank Select
R/W
04-07h
Reserved
Table 82. Bank 5 Register Map
Offset
Mnemonic
Register Name
Type
00h-02h
Reserved
03h
BSR
Bank Select
R/W
04h
IRCR2
IR Control 2
R/W
05h-07h
Reserved
Table 83. Bank 6 Register Map
Offset
Mnemonic
Register Name
Type
00h
IRCR3
IR Control 3
R/W
01h
Reserved
02h
SIR_PW
SIR Pulse Width Control
R/W
03h
BSR
Bank Select
R/W
04-07h
Reserved
Table 84. Bank 7 Register Map
Offset
Mnemonic
Register Name
Type
00h
IRRXDC
IR Receiver Demodulator Control
R/W
01h
IRTXMC
IR Transmitter Modulator Control
R/W
02h
RCCFG
CEIR Configuration
R/W
03h
BSR
Bank Select
R/W
04h
IRCFG1
IR Interface Configuration 1
R/W
05h-06h
Reserved
07h
IRCFG4
IR Interface Configuration 4
R/W
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com