Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 204 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 204 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 200Page - National Semiconductor (TI) PC8374L Datasheet HTML 201Page - National Semiconductor (TI) PC8374L Datasheet HTML 202Page - National Semiconductor (TI) PC8374L Datasheet HTML 203Page - National Semiconductor (TI) PC8374L Datasheet HTML 204Page - National Semiconductor (TI) PC8374L Datasheet HTML 205Page - National Semiconductor (TI) PC8374L Datasheet HTML 206Page - National Semiconductor (TI) PC8374L Datasheet HTML 207Page - National Semiconductor (TI) PC8374L Datasheet HTML 208Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 239 page
background image
9.0 Legacy Functional Blocks (Continued)
www.national.com
204
Revision1.1
9.4.4
SP2 Bitmap Summary
.
Table 85. Bank 0 Bitmap
Register
Bits
Offset Mnemonic
7
6
5
4
3
2
1
0
00h
RXD
RXD7-0
00h
TXD
TXD7-0
01h
IER1
1. Non-Extended mode.
Reserved
MS_IE
LS_IE
TXLDL_IE RXHDL_IE
IER2
2. Extended mode.
Reserved
TXEMP_IE
DMA_IE
MS_IE
LS_IE
TXLDL_IE RXHDL_IE
02h
EIR1
FEN1-0
Reserved
RXFT
IPR1-0
IPF
EIR2
Reserved
TXEMP_EV
DMA_EV
MS_EV
LS_EV/
TXHLT_EV
TXLDL_EV RXHDL_EV
FCR1
RXFTH1-0
Reserved
TXSR
RXSR
FIFO_EN
FCR2
RXFTH1-0
TXFTH1-0
Reserved
TXSR
RXSR
FIFO_EN
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1-0
BSR
BKSE
BSR6-0
04h
MCR1
Reserved
LOOP
ISEN/
DCDLP
RILP
RTS
DTR
MCR2
MDSL2-0
Reserved
TX_DFR
DMA_EN
RTS
DTR
05h
LSR
ER_INF
TXEMP
TXRDY
BRK
FE
PE
OE
RXDA
06h
MSR
DCD
RI
DSR
CTS
DDCD
TERI
DDSR
DCTS
07h
SPR1
Scratch Data
ASCR2
Reserved
TXUR
RXACT
RXWDG
Reserved
S_EOT
Reserved RXF_TOUT
Table 86. Bank 1 Bitmap
Register
Bits
Offset Mnemonic
76543210
00h
LBGD(L)
LBGD7-0
01h
LBGD(H)
LBGD15-8
02h
Reserved
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1-0
BSR
BKSE
BSR6-0
04-07h
Reserved
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com