Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 200 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 200 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 196Page - National Semiconductor (TI) PC8374L Datasheet HTML 197Page - National Semiconductor (TI) PC8374L Datasheet HTML 198Page - National Semiconductor (TI) PC8374L Datasheet HTML 199Page - National Semiconductor (TI) PC8374L Datasheet HTML 200Page - National Semiconductor (TI) PC8374L Datasheet HTML 201Page - National Semiconductor (TI) PC8374L Datasheet HTML 202Page - National Semiconductor (TI) PC8374L Datasheet HTML 203Page - National Semiconductor (TI) PC8374L Datasheet HTML 204Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 239 page
background image
9.0 Legacy Functional Blocks (Continued)
www.national.com
200
Revision1.1
9.4 SERIAL PORT 2 (SP2)
9.4.1
General Description
This functional block provides advanced, versatile serial communications features with IR capabilities. It supports four
modes of operation: UART, Sharp-IR, IrDA 1.0 SIR (hereafter SIR), and Consumer Electronic IR (also called TV Remote or
Consumer remote control, hereafter CEIR). In UART mode, the Serial Port can function in 16450-Compatible mode, 16550-
Compatible mode, or Extended mode. This chapter describes general implementation of the Enhanced Serial Port with Fast
IR. For device specific implementation, see Device Architecture and Configuration in the datasheet of the relevant device.
Existing 16550-based legacy software is completely and transparently supported. Organization and specific fallback mech-
anisms switch the Serial Port to 16550-Compatible mode on reset, or when initialized by 16550 software.
The Serial Port has two DMA channels; the device can use either one or both of them. One channel is required for IR based
applications, since IR communication works in half duplex fashion. Two channels would normally be needed to handle high-
speed, full duplex, UART based applications.
9.4.2
Register Bank Overview
Eight register banks, each containing eight registers, control Serial Port operation. All registers use the same 8-byte address
space to indicate offsets 00h-07h. The active bank must be selected by the software.
The register bank organization enables access to the banks as required for activation of all module modes, while maintaining
transparent compatibility with 16450 or 16550 software.
The Bank Selection register (BSR) selects the active bank and is common to all banks. See Figure 39. Therefore, each bank
defines seven new registers.
The default bank selection after system reset is 0.
Table 74. Bank 2 Bitmap
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
BGD(L)
BGD7-0
01h
BGD(H)
BGD15-8
02h
EXCR1
BTEST
Reserved
ETDLBK
LOOP
Reserved
EXT_SL
03h
BSR
BKSE
BSR6-0
04h
EXCR2
LOCK
Reserved
PRESL1-0
Reserved
05h
Reserved
06h
TXFLV
Reserved
TFL4-0
07h
RXFLV
Reserved
RFL4-0
Table 75. Bank 3 Bitmap
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
MRID
MID3-0
RID3-0
01h
SH_LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1-0
02h
SH_FCR
RXFTH1-0
TXFTH1-0
Reserved
TXSR
RXSR
FIFO_EN
03h
BSR
BKSE
BSR6-0
04-07h
Reserved
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com