Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 196 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 196 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 192Page - National Semiconductor (TI) PC8374L Datasheet HTML 193Page - National Semiconductor (TI) PC8374L Datasheet HTML 194Page - National Semiconductor (TI) PC8374L Datasheet HTML 195Page - National Semiconductor (TI) PC8374L Datasheet HTML 196Page - National Semiconductor (TI) PC8374L Datasheet HTML 197Page - National Semiconductor (TI) PC8374L Datasheet HTML 198Page - National Semiconductor (TI) PC8374L Datasheet HTML 199Page - National Semiconductor (TI) PC8374L Datasheet HTML 200Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 239 page
background image
9.0 Legacy Functional Blocks (Continued)
www.national.com
196
Revision1.1
9.3 SERIAL PORT 1 (SP1)
9.3.1
General Description
The Serial Port functional block supports serial data communication with a remote peripheral device or modem using a wired
interface. The Serial Port can function in one of three modes:
● 16450-Compatible mode (Standard 16450)
● 16550-Compatible mode (Standard 16550)
● Extended mode
Extended mode provides advanced functionality for the UART.
The Serial Port provides receive and transmit channels that can operate concurrently in full-duplex mode. It performs all
functions required to conduct parallel data interchange with the system and composite serial data exchange with the external
data channel, including:
● Format conversion between the internal parallel data format and the external programmable composite serial format
● Serial data timing generation and recognition
● Parallel data interchange with the system using a choice of bidirectional data transfer mechanisms
● Status monitoring for all phases of communication activity
● Complete MODEM-control capability.
Existing 16550-based legacy software is completely and transparently supported. Module organization and specific fallback
mechanisms switch the module to 16550-Compatible mode on reset or when initialized by 16550 software.
9.3.2
Register Bank Overview
Four register banks, each containing eight registers, control Serial Port operation. All registers use the same 8-byte address
space to indicate offsets 00h through 07h. The active bank must be selected by the software.
The register bank organization enables access to the banks as required for activation of all module modes, while maintaining
transparent compatibility with 16450 or 16550 software.
The Bank Selection register (BSR) selects the active bank and is common to all banks as shown in Figure 38. Therefore,
each bank defines seven new registers.
The default bank selection after system reset is 0.
Table 67. Parallel Port Bitmap Summary for Second Level Offset
Register
Bits
Second
Level
Offset
Mnemonic
7654321
0
00h
Control0
Reserved
DCR
Register
Live
Freeze Bit
Reserved
EPP
Time-Out
Interrupt
Mask
02h
Control2
SPP Com-
patibility
Channel
Address
Enable
Reserved
Revision
1.7 or 1.9
Select
Reserved
04h
Control4
Reserved
PP DMA Request Inactive Time
Reserved
PP DMA Request Active Time
05h
PP Confg0
Bit 3 of
CNFGA
Demand
DMA
Enable
ECP IRQ Channel Number
PE
Internal
Pull-Up or
Pull-Down
ECP DMA Channel
Number
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com