Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 213 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 213 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 209Page - National Semiconductor (TI) PC8374L Datasheet HTML 210Page - National Semiconductor (TI) PC8374L Datasheet HTML 211Page - National Semiconductor (TI) PC8374L Datasheet HTML 212Page - National Semiconductor (TI) PC8374L Datasheet HTML 213Page - National Semiconductor (TI) PC8374L Datasheet HTML 214Page - National Semiconductor (TI) PC8374L Datasheet HTML 215Page - National Semiconductor (TI) PC8374L Datasheet HTML 216Page - National Semiconductor (TI) PC8374L Datasheet HTML 217Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 239 page
background image
10.0 Device Characteristics (Continued)
Revision 1.1
213
www.national.com
10.1.4 Power Consumption under Recommended Operating Conditions
10.1.5 Voltage Thresholds
10.2 DC CHARACTERISTICS OF PINS, BY I/O BUFFER TYPES
The following tables summarize the DC characteristics of all device pins described in Section 1.2 on page 15. The characteristics
describe the general I/O buffer types defined in Table 1 on page 15. For exceptions, refer to Section 10.2.13 on page 217. The
DC characteristics of the LPC interface meet the PCI Local Bus Specification (Rev 2.2 December 18, 1998) for 3.3V DC signaling.
10.2.1 Input, TTL Compatible
Symbol: INT
Symbol
Parameter
Conditions1
1. All parameters specified for 0
°C ≤ TA ≤ 70°C; VDD3 and VSB3 = 3.3V ±10% unless otherwise specified.
Typ
Max2
2. Not tested. Guaranteed by characterization.
Unit
IDD3
VDD3 Average Supply Current
VIL = 0.5V, VIH = 2.4V, No Load
14
20
mA
IDD3LP
VDD3 Quiescent Supply Current in
Low Power Mode3
3. All the modules disabled; no LPC bus activity.
VIL =VSS,VIH =VDD3, No Load
0.5
0.8
mA
ISB3
VSB3 Average Supply Current
VIL = 0.5V, VIH = 2.4V, No Load
21
30
mA
ISB3LP
VSB3 Quiescent Supply Current in
Low Power Mode3
VIL =VSS,VIH =VSB3, No Load
5
TBD
mA
IBAT
VBAT Battery Supply Current
VDD3,VSB3 =0V,VBAT =3V
0.2
0.4
µA
Symbol
Parameter1
1. All parameters specified for 0
°C
≤ T
A
≤ 70°C.
Min2
2. Not tested. Guaranteed by characterization.
Typ
Max2
Unit
VDD3ON
VDD3 Detected as Power-on
2.3
2.6
2.9
V
VDD3OFF
VDD3 Detected as Power-off
2.1
2.5
2.8
V
VSB3ON
VSB3 Detected as Power-on
2.3
2.6
2.9
V
VSB3OFF
VSB3 Detected as Power-off
2.1
2.5
2.8
V
VBATLOW
VBAT Detected as “Low”
2.3
V
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
2
2. Input leakage current includes the output leakage of the bi-directional buffers with TRI-STATE outputs.
Input Leakage Current
0<VIN <VSUP
3
3. VSUP is VDD3 or VSB3 according to the input power well.
±1
µA
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com