Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 222 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 222 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 218Page - National Semiconductor (TI) PC8374L Datasheet HTML 219Page - National Semiconductor (TI) PC8374L Datasheet HTML 220Page - National Semiconductor (TI) PC8374L Datasheet HTML 221Page - National Semiconductor (TI) PC8374L Datasheet HTML 222Page - National Semiconductor (TI) PC8374L Datasheet HTML 223Page - National Semiconductor (TI) PC8374L Datasheet HTML 224Page - National Semiconductor (TI) PC8374L Datasheet HTML 225Page - National Semiconductor (TI) PC8374L Datasheet HTML 226Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 239 page
background image
10.0 Device Characteristics (Continued)
www.national.com
222
Revision1.1
10.4.3 Clock Timing
High-Frequency Clock Timing
Figure 49. High-Frequency Clock Waveform Timing
Figure 50. CLOCKI14 and Internal 48 MHz Clock Timing
Symbol Figure
Clock Input Parameters
Reference
Conditions
CLOCKI14
Units
Min
Typ
Max
tCH
49
Clock High Pulse Width1
1. Not tested. Guaranteed by design.
20
ns
tCL
49
Clock Low Pulse Width1
20
ns
tCP
49
Clock Period1 (50%-50%)
69.14
69.84
70.54
ns
FCK
−
Clock Frequency
FCKTYP − 1%
14.31818
FCKTYP +1%
MHz
tCR
49
Clock Rise Time1 (VIL to VIH)
52
2. Recommended value.
ns
tCF
49
Clock Fall Time1 (VIH to VIL)
52
ns
tCE
50
Clock Generator Enable
RE PCI_RESET
to Clock Generator
enabled
80
µs
Sym. Fig.
Internal Clock Parameter
Reference
Conditions
INT48M
Units
Min
Typ
Max
tCP
49 Clock Period1 (50%-50%)
1. Not tested. Guaranteed by characterization.
20.83
ns
FCK
− Clock Frequency
48
MHz
t48MD
50 Clock Wake-Up Time1
After Clock
Generator enabled
500
µs
tCL
tCP
tCH
VIH
VIH
VIL
VIL
VIL
VIH
tCF
tCR
CLOCKI14
(14.31818 MHz)
48 MHz Clock
VDD3 (Power)
VDD3ONmin
tCP (CLOCKI14)
CKVALID bit
(Internal)
Enable Clock Generator
(Internal)
t48MD
tCP (48 MHz)
(Internal)
PCI_RESET
tCE
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com