Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 225 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 225 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 221Page - National Semiconductor (TI) PC8374L Datasheet HTML 222Page - National Semiconductor (TI) PC8374L Datasheet HTML 223Page - National Semiconductor (TI) PC8374L Datasheet HTML 224Page - National Semiconductor (TI) PC8374L Datasheet HTML 225Page - National Semiconductor (TI) PC8374L Datasheet HTML 226Page - National Semiconductor (TI) PC8374L Datasheet HTML 227Page - National Semiconductor (TI) PC8374L Datasheet HTML 228Page - National Semiconductor (TI) PC8374L Datasheet HTML 229Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 239 page
background image
10.0 Device Characteristics (Continued)
Revision 1.1
225
www.national.com
LPC Signals
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Outputs
Output Valid Delay
After RE of CLK
2
11
ns
tON
Outputs
Float to Active Delay
After RE of CLK
2
ns
tOFF
Outputs
Active to Float Delay
After RE of CLK
28
ns
tSU
Inputs
Input Setup Time
Before RE of CLK
7
ns
tHL
Inputs
Input Hold Time
After RE of CLK
0
ns
Leakage Only
Leakage Only
0.615 VDD3
0.4 VDD3
0.4 VDD3
PCI_CLK
LAD3
−LAD0,
LDRQ, SERIRQ
Outputs
tVAL
tON
tOFF
VDD3 = 3.3V ±10%
tVAL
LAD3
−LAD0,
SERIRQ
Output Enabled
0.285 VDD3
0.4 VDD3
0.4 VDD3
PCI_CLK
LAD3
−LAD0, LFRAME
SERIRQ
Inputs
VDD3 = 3.3V ±10%
tHL
tSU
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com