Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 229 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 229 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 225Page - National Semiconductor (TI) PC8374L Datasheet HTML 226Page - National Semiconductor (TI) PC8374L Datasheet HTML 227Page - National Semiconductor (TI) PC8374L Datasheet HTML 228Page - National Semiconductor (TI) PC8374L Datasheet HTML 229Page - National Semiconductor (TI) PC8374L Datasheet HTML 230Page - National Semiconductor (TI) PC8374L Datasheet HTML 231Page - National Semiconductor (TI) PC8374L Datasheet HTML 232Page - National Semiconductor (TI) PC8374L Datasheet HTML 233Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 239 page
background image
10.0 Device Characteristics (Continued)
Revision 1.1
229
www.national.com
Extended Capabilities Port (ECP) Timing
Forward Mode
Reverse Mode
Symbol
Parameter
Min
Max
Unit
tECDSF
Data Setup before STB Active
0
ns
tECDHF
Data Hold after BUSY Inactive
0
ns
tECLHF
BUSY Active after STB Active
75
ns
tECHHF
STB Inactive after BUSY Active1
1. Not tested. Guaranteed by design.
01
s
tECHLF
BUSY Inactive after STB Inactive1
035
ms
tECLLF
STB Active after BUSY Inactive
0
ns
Symbol
Parameter
Min
Max
Unit
tECDSR
Data Setup before ACK Active
0
ns
tECDHR
Data Hold after AFD Active
0
ns
tECLHR
AFD Inactive after ACK Active
75
ns
tECHHR
ACK Inactive after AFD Inactive1
1. Not tested. Guaranteed by design.
035
ms
tECHLR
AFD Active after ACK Inactive1
01
s
tECLLR
ACK Active after AFD Active
0
ns
PD7
−0
STB
BUSY
tECHHF
tECHLF
tECLLF
tECDSF
tECLHF
tECDHF
AFD
PD7
−0
ACK
AFD
tECHHR
tECHLR
tECLLR
tECDSR
tECLHR
tECDHR
BUSY
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com