Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 232 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 232 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 228Page - National Semiconductor (TI) PC8374L Datasheet HTML 229Page - National Semiconductor (TI) PC8374L Datasheet HTML 230Page - National Semiconductor (TI) PC8374L Datasheet HTML 231Page - National Semiconductor (TI) PC8374L Datasheet HTML 232Page - National Semiconductor (TI) PC8374L Datasheet HTML 233Page - National Semiconductor (TI) PC8374L Datasheet HTML 234Page - National Semiconductor (TI) PC8374L Datasheet HTML 235Page - National Semiconductor (TI) PC8374L Datasheet HTML 236Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 239 page
background image
10.0 Device Characteristics (Continued)
www.national.com
232
Revision1.1
10.4.9 Glue Function Timing
Highest Active Main and Standby Supply Reference
Figure 52. REF5V and REF5V_STBY (AC Characteristics)
Resume Reset
Symbol Figure
Description
Reference Conditions
Min
Max
Main
tPD
52
VDD3 to REF5V Propagation Delay
1
1. Not tested. Guaranteed by design.
VDD5 =0;VDD3 slew rate > 10 V/ms
1ms
Standby
tPD
52
VSB3 to REF5V_STBY Propagation Delay
1
VSB5 =0;VSB3 slew rate > 10 V/ms
1ms
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tRD
53
Rising Supply Delay1 (typ. 32 ms)
1. Not tested. Guaranteed by characterization.
VSB5 >VTRIP and VSB3 >VSB3ON
20
100
ms
tFD5
53
Falling VSB5 Supply Delay
1
VSB5 <VTRIP and VSB3 >VSB3ON
100
ns
tGA
53
VSB5 and VSB3 Glitch Allowance
1
VSB5 <VTRIP or VSB3 <VSB3OFF
100
ns
tFD3
53
Falling VSB3 Supply Delay
1
VSB3 <VSB3OFF and VSB5 >VTRIP
100
ns
tR
53
Rise Time2
2. Not tested. Guaranteed by design.
VSB3 >VSB3ON
100
ns
tF
53
Fall Time2
VSB3 >VSB3ON
100
ns
tPD
0V
1.5V
3.3V
VDD3, VSB3
REF5V, REF5V_STBY
tPD
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com