Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 231Page - National Semiconductor (TI) PC8374L Datasheet HTML 232Page - National Semiconductor (TI) PC8374L Datasheet HTML 233Page - National Semiconductor (TI) PC8374L Datasheet HTML 234Page - National Semiconductor (TI) PC8374L Datasheet HTML 235Page - National Semiconductor (TI) PC8374L Datasheet HTML 236Page - National Semiconductor (TI) PC8374L Datasheet HTML 237Page - National Semiconductor (TI) PC8374L Datasheet HTML 238Page - National Semiconductor (TI) PC8374L Datasheet HTML 239Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 235 / 239 page
background image
10.0 Device Characteristics (Continued)
Revision 1.1
235
www.national.com
Main Power Supply Control
SMBus Voltage Translation and Isolation Timing
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tPR
−
Rise Propagation Delay1,2
1. Not tested. Guaranteed by design.
2. Test conditions: CL = 50 pF and 1 KΩ external resistor to VSB5.
(CPU_PRESENT = 1) or (SLP_S3 = 0) or
(ETC event occurred) to RE of PS_ON
1
µs
tPF
−
Fall Propagation Delay1
From whichever occurs last:
(CPU_PRESENT = 0), (SLP_S3 = 1), (No
ETC event and RE on SLP_S3)
to FE of PS_ON
1
µs
tR
−
Rise Time1,2
0.8V to 2.0V
50
ns
tF
−
Fall Time1
2.0V to 0.8V
50
ns
Symbol
Figure
Description
Type of
Requirement1
1. An “Input” type is a value the PC8374L device expects from the system; an “Output” type is a value the
PC8374L device provides to the system.
Min
Max
Unit
tSMBR
−
Rise Time (all signals)
Input
10002,3
2. Test conditions: RL = 1 KΩ to VDD3 = 2.25V or 3.3V, or RL = 1.5 KΩ to VDD5 = 5V and CL = 400 pF to GND.
3. Not tested. Guaranteed by design.
ns
tSMBF
−
Fall Time (all signals)
Input
2503
ns
Output
3002,4
4. Not tested. Guaranteed by characterization.
ns
tSMBD
−
Propagation Delay (each signal pair, in both
directions)
Output
5002,4
ns
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com