Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 233 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 233 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 229Page - National Semiconductor (TI) PC8374L Datasheet HTML 230Page - National Semiconductor (TI) PC8374L Datasheet HTML 231Page - National Semiconductor (TI) PC8374L Datasheet HTML 232Page - National Semiconductor (TI) PC8374L Datasheet HTML 233Page - National Semiconductor (TI) PC8374L Datasheet HTML 234Page - National Semiconductor (TI) PC8374L Datasheet HTML 235Page - National Semiconductor (TI) PC8374L Datasheet HTML 236Page - National Semiconductor (TI) PC8374L Datasheet HTML 237Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 239 page
background image
10.0 Device Characteristics (Continued)
Revision 1.1
233
www.national.com
Figure 53. RSMRST (AC Characteristics)
PCI Reset Buffering
Figure 54. Reset Outputs
Symbol
Figure
Description
Reference Conditions
Min
Max
Units
tPDR
54
Rise Propagation Delay
From RE of PCI_RESET to RE of
PCIRST_OUT, PCIRST_OUT2
30
ns
tR
54
Rise Time
PCIRST_OUT, PCIRST_OUT2
50
ns
tPDF
54
Fall Propagation Delay
From FE of PCI_RESET to FE of
IDE_RSTDRV
20
ns
tF
54
Fall Time
IDE_RSTDRV
15
ns
0.8V
tRD
tFD3
VSB3
VSB3ON
tRD
tFD5
RSMRST
VSB5
VTRIP
tGA
VSB3OFF
1.4V
tF
2.0V
0.8V
1.4V
tR
2.0V
1.4V
2.0V
1.4V
tF
0.8V
2.0V
VDD3 = 3.3V ±10%
tPDF
PCI_RESET
IDE_RSTDRV
tPDR
1.4V
tR
0.8V
PCIRST_OUT,
PCIRST_OUT2
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com