Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 231 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 231 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 227Page - National Semiconductor (TI) PC8374L Datasheet HTML 228Page - National Semiconductor (TI) PC8374L Datasheet HTML 229Page - National Semiconductor (TI) PC8374L Datasheet HTML 230Page - National Semiconductor (TI) PC8374L Datasheet HTML 231Page - National Semiconductor (TI) PC8374L Datasheet HTML 232Page - National Semiconductor (TI) PC8374L Datasheet HTML 233Page - National Semiconductor (TI) PC8374L Datasheet HTML 234Page - National Semiconductor (TI) PC8374L Datasheet HTML 235Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 239 page
background image
10.0 Device Characteristics (Continued)
Revision 1.1
231
www.national.com
10.4.8 Serial Port, Sharp-IR, SIR and Consumer Remote Control Timing
Symbol
Parameter
Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
Unit
tBT
Single Bit Time in Serial Port and Sharp-IR
Transmitter
tBTN − 25
2
2. tBTN is the nominal bit time in Serial Port, Sharp-IR, SIR and Consumer Remote Control modes. It is deter-
mined by the setting of the Baud Generator Divisor registers.
tBTN +25
ns
Receiver
tBTN − 2%
tBTN +2%
ns
tCMW
Modulation Signal Pulse Width in Sharp-IR
and Consumer Remote Control
Transmitter
tCWN − 25
3
3. tCWN is the nominal pulse width of the modulation signal for Sharp-IR and Consumer Remote Control modes. It
is determined by MCPW field (bits 7-5) of IRTXMC register and TXHSC bit (bit 2) of RCCFG register.
tCWN +25
ns
Receiver
500
ns
tCMP
Modulation Signal Period in Sharp-IR and
Consumer Remote Control
Transmitter
tCPN − 25
4
4. tCPN is the nominal period of the modulation signal for Sharp-IR and Consumer Remote Control modes. It is
determined by MCFR field (bits 4-0) of IRTXMC register and the TXHSC bit (bit 2) of RCCFG register.
tCPN +25
ns
Receiver
tMMIN
5
5. tMMIN and tMMAX define the time range within which the period of the incoming subcarrier signal has to fall in
order for the signal to be accepted by the receiver. These time values are determined by the contents of the
IRRXDC register and the setting of RXHSC bit (bit 5) of RCCFG register.
tMMAX
5
ns
tSPW
SIR Signal Pulse Width
Transmitter,
Variable
(3/16)xtBTN − 15
2
(3/16)xtBTN + 15
2
ns
Transmitter,
Fixed
1.48
1.78
µs
Receiver
1
µs
SDRT
SIR Data Rate Tolerance.
% of Nominal Data Rate.
Transmitter
± 0.87%
Receiver
± 2.0%
tSJT
SIR Leading Edge Jitter.
% of Nominal Bit Duration.
Transmitter
± 2.5%
Receiver
± 6.5%
Serial Port
tCMW
tCMP
Sharp-IR
Consumer Remote Control
tBT
SIR
tSPW
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com