Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 236 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 236 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 231Page - National Semiconductor (TI) PC8374L Datasheet HTML 232Page - National Semiconductor (TI) PC8374L Datasheet HTML 233Page - National Semiconductor (TI) PC8374L Datasheet HTML 234Page - National Semiconductor (TI) PC8374L Datasheet HTML 235Page - National Semiconductor (TI) PC8374L Datasheet HTML 236Page - National Semiconductor (TI) PC8374L Datasheet HTML 237Page - National Semiconductor (TI) PC8374L Datasheet HTML 238Page - National Semiconductor (TI) PC8374L Datasheet HTML 239Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 236 / 239 page
background image
10.0 Device Characteristics (Continued)
www.national.com
236
Revision1.1
10.4.10
SWC Timing
Wake-Up Inputs at VSB3 Power Switching
Figure 56. Inputs at VSB3 Power Switching
Wake-Up Inputs at VDD3 Power Switching
Figure 57. Wake-Up Inputs at VDD3 Power Switching
Symbol
Figure
Description
Reference Conditions
Min
Max
tEWIV
56
External Wake-Up Inputs Valid1
1. Not tested. Guaranteed by characterization.
At VSB3 power on, after the
32 KHz Domain is toggling
24576 * tCP
2
2. tCP is the cycle time of the 32 KHz clock domain (see “Low-Frequency Clock Timing” on page 223).
32768 * tCP
Symbol
Figure
Description
Reference Conditions
Min
Max
tEWIV
57
External Wake-Up Inputs Valid1
1. Not tested. Guaranteed by characterization.
After VDD3 power on
2
2. The 32 KHz clock domain is assumed to be toggling at VDD3 power stable.
24576 * tCP
3
3. tCP is the cycle time of the 32 KHz clock domain (see “Low-Frequency Clock Timing” on page 223).
32768 * tCP
VSB3 (Power)
RI
GPIOE14-10,
tEWIV
GPIOE07-00,
KBCLK, MCLK
VSB3OFF
VSB3ON
KBDAT, MDAT
(Internal)
VSB Power-Up Reset
t32KW + t32KVAL
tIRST
32 KHz Domain
(Internal)
GPIOE17-16,
VDD3 (Power)
GPIOE17-16,
tEWIV
VDD3OFF
VDD3ON
(VDDLOAD = 1)
GPIOE07-00
GPIOE14
-10,
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com