Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 237 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 237 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 231Page - National Semiconductor (TI) PC8374L Datasheet HTML 232Page - National Semiconductor (TI) PC8374L Datasheet HTML 233Page - National Semiconductor (TI) PC8374L Datasheet HTML 234Page - National Semiconductor (TI) PC8374L Datasheet HTML 235Page - National Semiconductor (TI) PC8374L Datasheet HTML 236Page - National Semiconductor (TI) PC8374L Datasheet HTML 237Page - National Semiconductor (TI) PC8374L Datasheet HTML 238Page - National Semiconductor (TI) PC8374L Datasheet HTML 239Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 237 / 239 page
background image
10.0 Device Characteristics (Continued)
Revision 1.1
237
www.national.com
10.4.11
SMBus Timing
Figure 58. SMBus Signals (HMSCL and HMSDA) Rising Time and Falling Time
Symbol
Figure
Description
Type of
Requirement1
1. An “Input” type is a value the PC8374L expects from the system; an “Output” type is a value the PC8374L
provides to the system.
Min
Max
Unit
tSMBR
58
Rise time (HMSCL and HMSDA)
Input2
2. Test conditions: RL = 1 KΩ to VSB = 3.3V, CL = 400 pF to GND.
10003
3. Not tested. Guaranteed by design.
ns
tSMBF
58
Fall time (HMSCL and HMSDA)
Input
3003
ns
Output2
2504
4. Not tested. Guaranteed by characterization.
ns
tSMBCKL
58
Clock low period (HMSCL)
Input
4.7
µs
tSMBCKH
58
Clock high period (HMSCL)
Input
4
µs
tSMBCY
59
Clock cycle (HMSCL)
Input
10
µs
tSMBDS
59
Data setup time (before clock rising edge)
Input
250
ns
Output2
250
ns
tSMBDH
59
Data hold time (after clock falling edge)
Input
0
ns
Output2
300
ns
tSMBPS
60
Stop condition setup time (clock before data)
Input
4
µs
tSMBSH
60
Start condition hold time (clock after data)
Input
4
µs
tSMBBUF
60
Bus free time between Stop and Start
conditions (HMSDA)
Input
4.7
µs
tSMBRS
61
Restart condition setup time (clock before
data)
Input
4.7
µs
tSMBRH
61
Restart condition hold time (clock after data)
Input
4
µs
tSMBLEX
-
Cumulative clock low extend time from Start
to Stop (HMSCL)
Output
253
ms
tSMBTO
-
Clock low time-out (HMSCL)
Input
253,5
5. The PC8374L detects a time-out condition if HMSCL is held low for more than tSMBTO.
ms
Output
353,6
6. On detection of a time-out condition, the PC8374L resets the SMBus Interface no later than tSMBTO.
ms
tSMBR
2.5V
0.4V
tSMBF
3.0V
0.4V
2.5V
0.4V
0.4V
tSMBCKH
tSMBCKL
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com