Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 224 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 224 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 220Page - National Semiconductor (TI) PC8374L Datasheet HTML 221Page - National Semiconductor (TI) PC8374L Datasheet HTML 222Page - National Semiconductor (TI) PC8374L Datasheet HTML 223Page - National Semiconductor (TI) PC8374L Datasheet HTML 224Page - National Semiconductor (TI) PC8374L Datasheet HTML 225Page - National Semiconductor (TI) PC8374L Datasheet HTML 226Page - National Semiconductor (TI) PC8374L Datasheet HTML 227Page - National Semiconductor (TI) PC8374L Datasheet HTML 228Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 239 page
background image
10.0 Device Characteristics (Continued)
www.national.com
224
Revision1.1
10.4.4 LPC Interface Timing
The AC characteristics of the LPC interface meet the PCI Local Bus Specification (Rev 2.2 December 18, 1998) for 3.3V DC
signaling.
PCI_CLK and PCI_RESET
Symbol
Parameter
Min
Max
Units
tCYC
1
1. The PCI may have any clock frequency between nominal DC and 33 MHz. Device operational
parameters at frequencies under 16 MHz are guaranteed by design rather than by testing. The
clock frequency may be changed at any time during the operation of the system as long as the
clock edges remain “clean” (monotonic) and the minimum cycle high and low times are not vio-
lated. The clock may only be stopped in a low state.
PCI_CLK Cycle Time
30
ns
tHIGH
PCI_CLK High Time2
2. Not tested. Guaranteed by characterization.
11
ns
tLOW
PCI_CLK Low Time2
11
ns
−
PCI_CLK Slew Rate2,3
3. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must
be met across the minimum peak-to-peak portion of the clock wavering (0.2 * VDD3 to 0.6 *
VDD3) as shown below.
1
4
V/ns
−
PCI_RESET Slew Rate2,4
4. The minimum PCI_RESET slew rate applies only to the rising (de-assertion) edge of the reset
signal and ensures that system noise cannot make an otherwise monotonic signal appear to
bounce in the switching range.
50
mV/ns
tHIGH
tLOW
tCYC
0.6 VDD
0.2 VDD
0.5 VDD
0.4 VDD
0.3 VDD
0.4 VDD3 p-to-p
(minimum)
VDD3 = 3.3V ±10%
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com