Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 97Page - National Semiconductor (TI) PC8374L Datasheet HTML 98Page - National Semiconductor (TI) PC8374L Datasheet HTML 99Page - National Semiconductor (TI) PC8374L Datasheet HTML 100Page - National Semiconductor (TI) PC8374L Datasheet HTML 101Page - National Semiconductor (TI) PC8374L Datasheet HTML 102Page - National Semiconductor (TI) PC8374L Datasheet HTML 103Page - National Semiconductor (TI) PC8374L Datasheet HTML 104Page - National Semiconductor (TI) PC8374L Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
Revision 1.1
101
www.national.com
4.4.4
General-Purpose Status 1 Register 0 (GPE1_STS_0)
This register contains “child” events 0-7 of the GPE1_STS register.
The status bits behave according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the
hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 08h
Type:
R/W1C
4.4.5
General-Purpose Status 1 Register 1 (GPE1_STS_1)
This register contains “child” events 8-15 of the GPE1_STS register.
The status bits behave according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the
hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 09h
Type:
R/W1C
Bit
76543210
Name
GPIOE07
_STS
GPIOE06
_STS
GPIOE05
_STS
GPIOE04
_STS
GPIOE03
_STS
GPIOE02
_STS
GPIOE01
_STS
GPIOE00
_STS
Reset
00000000
Bit
Description
7
GPIOE07_STS (GPIOE07 Event Status). Indicates that an active event has been detected at pin 7 of GPIOE
Port 0. The event has programmable polarity and the debounce option (see Section 6.3 on page 113). The bit
is set by an active level at the GPIOE07 pin. Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An active event has occurred
6-0
GPIOE06_STS to GPIOE00_STS (GPIOE06 to GPIOE00 Event Status). Same as above for pins 6-0 of
GPIOE Port 0.
Bit
76543210
Name
GPIOE17
_STS
GPIOE16_
STS
Reserved
GPIOE14
_STS
GPIOE13
_STS
GPIOE12
_STS
GPIOE11
_STS
GPIOE10
_STS
Reset
00000000
Bit
Description
7
GPIOE17_STS (GPIOE17 Event Status). Indicates that an active event has been detected at pin 7 of GPIOE
Port 1. The event has programmable polarity and the debounce option (see Section 6.3 on page 113). The bit
is set by an active level at the GPIOE17 pin. Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An active event has occurred
6
GPIOE16_STS (GPIOE16 Event Status). Same as above for pin 6 of GPIOE Port 1.
5
Reserved.
4-0
GPIOE14_STS to GPIOE10_STS (GPIOE14 to GPIOE10 Event Status). Same as above for pins 4-0 of
GPIOE Port 1.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com