Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 98Page - National Semiconductor (TI) PC8374L Datasheet HTML 99Page - National Semiconductor (TI) PC8374L Datasheet HTML 100Page - National Semiconductor (TI) PC8374L Datasheet HTML 101Page - National Semiconductor (TI) PC8374L Datasheet HTML 102Page - National Semiconductor (TI) PC8374L Datasheet HTML 103Page - National Semiconductor (TI) PC8374L Datasheet HTML 104Page - National Semiconductor (TI) PC8374L Datasheet HTML 105Page - National Semiconductor (TI) PC8374L Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
www.national.com
102
Revision1.1
4.4.6
General-Purpose Status 1 Register 2 (GPE1_STS_2)
This register contains “child” events 16-23 of the GPE1_STS register.
The status bits behave according to the Sticky status bit definition in the ACPI Specification (i.e., the bit is set when the level
of the hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 0Ah
Type:
R/W1C
Bit
76543210
Name
KBD_EVT3
_STS
KBD_EVT2
_STS
KBD_EVT1
_STS
MS_EVT
_STS
KBD_ANYK
_STS
RI1_EVT
_STS
RI2_EVT
_STS
Reserved
Reset
00000000
Bit
Description
7
KBD_EVT3_STS (Keyboard Event 3 Status). Indicates that “PM Key 3” was pressed and that the event was
identified by the Keyboard/Mouse Wake-Up Detector. The bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Power Management Keys mode (see Section 4.3.7 on page 96). Writing 1 clears this bit; writing 0
is ignored.
0: Inactive since last cleared (default)
1: The “PM Key 3” key was pressed on the keyboard
6
KBD_EVT2_STS (Keyboard Event 2 Status). Indicates that “PM Key 2” was pressed and that the event was
identified by the Keyboard/Mouse Wake-Up Detector. The bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Power Management Keys mode (see Section 4.3.7 on page 96). Writing 1 clears this bit; writing 0
is ignored.
0: Inactive since last cleared (default)
1: The “PM Key 2” key was pressed on the keyboard
5
KBD_EVT1_STS (Keyboard Event 1 Status). Indicates that a keyboard event occurred and was identified by
the Keyboard/Mouse Wake-Up Detector. The event type depends on the selected operation mode for the
Keyboard/Mouse Wake-Up Detector (see Sections 4.3.7 and 4.3.8 on page 96.):
● Pressing any key or a sequence of special keys in Special Key Sequence mode
● Pressing a sequence of keys in Password mode
● Pressing the “PM Key 1” in Power Management Keys mode
Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A keyboard event occurred
4
MS_EVT_STS (Mouse Event Status). Indicates that a mouse event occurred and was identified by the
Keyboard/Mouse Wake-Up Detector (see Section 4.3.8 on page 97). Writing 1 clears this bit; writing 0 is
ignored.
0: Inactive since last cleared (default)
1: A mouse event occurred
3
KBD_ANYK_STS (Keyboard Any-Key Status). Indicates that a key was pressed and that the event was
identified by the Keyboard/Mouse Wake-Up Detector. The bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Fast Any-Key mode (see Section 4.3.7 on page 96). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A keyboard event occurred
2
RI1_EVT_STS (RI1 Event Status). Indicates that a telephone ring signal was received at Serial Port 1 and the
event was identified by the RI Wake-Up Detector. The bit is set by a high-to-low transition at the RI1 pin (see
Section 4.2.1 on page 82). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A telephone ring signal was received at Serial Port 1
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com