Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 100Page - National Semiconductor (TI) PC8374L Datasheet HTML 101Page - National Semiconductor (TI) PC8374L Datasheet HTML 102Page - National Semiconductor (TI) PC8374L Datasheet HTML 103Page - National Semiconductor (TI) PC8374L Datasheet HTML 104Page - National Semiconductor (TI) PC8374L Datasheet HTML 105Page - National Semiconductor (TI) PC8374L Datasheet HTML 106Page - National Semiconductor (TI) PC8374L Datasheet HTML 107Page - National Semiconductor (TI) PC8374L Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
www.national.com
104
Revision1.1
4.4.8
General-Purpose Enable 1 Register 0 (GPE1_EN_0)
This register contains “child” events 0-7 of the GPE1_EN register.
The enable bits behave according to the Enable Bit definition in the ACPI Specification (i.e., the bit can be read or written
by software).
Power Well: VSB3
Location:
Offset 0Ch
Type:
R/W
4.4.9
General-Purpose Enable 1 Register 1 (GPE1_EN_1)
This register contains “child” events 8-15 of the GPE1_EN register.
The enable bits behave according to the Enable Bit definition in the ACPI Specification (i.e., the bit can be read or written
by software).
Power Well: VSB3
Location:
Offset 0Dh
Type:
R/W
Bit
76543210
Name
GPIOE07
_EN
GPIOE06
_EN
GPIOE05
_EN
GPIOE04
_EN
GPIOE03
_EN
GPIOE02
_EN
GPIOE01
_EN
GPIOE00
_EN
Reset
00000000
Bit
Description
7
GPIOE07_EN (GPIOE07 Event Enable). Enables an active event at pin 7 of GPIOE Port 0 to set PME_STS bit
in GPE1_STS register.
0: Disable event (default)
1: Enable event to set PME_STS
6-0
GPIOE06_EN to GPIOE00_EN (GPIOE06 to GPIOE00 Event Enable). Same as above for pins 6-0 of GPIOE
Port 0.
Bit
76543210
Name
GPIOE17
_EN
GPIOE16
_EN
Reserved
GPIOE14
_EN
GPIOE13
_EN
GPIOE12
_EN
GPIOE11
_EN
GPIOE10
_EN
Reset
00000000
Bit
Description
7
GPIOE17_EN (GPIOE17 Event Enable). Enables an active event at pin 7 of GPIOE Port 1 to set PME_STS bit
in GPE1_STS register.
0: Disable event (default)
1: Enable event to set PME_STS
6
GPIOE16_EN (GPIOE16 Event Enable). Same as above for pin 6 of GPIOE Port 1.
5
Reserved.
4-0
GPIOE14_EN to GPIOE10_EN (GPIOE14 to GPIOE10 Event Enable). Same as above for pins 4-0 of GPIOE
Port 1.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com