Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 159Page - National Semiconductor (TI) PC8374L Datasheet HTML 160Page - National Semiconductor (TI) PC8374L Datasheet HTML 161Page - National Semiconductor (TI) PC8374L Datasheet HTML 162Page - National Semiconductor (TI) PC8374L Datasheet HTML 163Page - National Semiconductor (TI) PC8374L Datasheet HTML 164Page - National Semiconductor (TI) PC8374L Datasheet HTML 165Page - National Semiconductor (TI) PC8374L Datasheet HTML 166Page - National Semiconductor (TI) PC8374L Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
163
www.national.com
8.5.21 Version
Version and stepping identifiers.
Location: 3Fh
Type:
RO
8.5.22 Configuration
Configuration register.
Location: 40h
Type:
Varies per bit
Bit
76543210
Name
VER
STEP
Reset
01101000
Bit
Description
7-4
VER. HM version.
3-0
STEP. HM version stepping. For A0 stepping, the value is 1000b; for A1 it is 1001b; for A2 it is 1010b, etc.
Bit
76543210
Name
Reserved
SMBR
OVRID
READY
LOCK
START
Reset
00000000
Bit
Type
Description
7-5
R/W
Reserved.
4
R/W
SMBR (SMBus Read). When set to 1, access through the SMBus is read-only. This bit can be set only
through the LPC Bus. It is read-only for access through the SMBus.
0: Full SMBus access to the HM registers (default)
1: Read-only SMBus access to the HM registers
3
R/W
OVRID (Override FANPWM Configuration). When set to 1, all FANPWM outputs are set to the value
contained in the MAX_PWM field of the associated FANPWMn MAX Duty registers (see Section 8.5.82
on page 189 to Section 8.5.84) regardless of LOCK bit.
0: FANPWM outputs are controlled by Fan Control Configuration register; see Section 8.5.76 on page 187 to
Section 8.5.78 (default)
1: FANPWM outputs are set to MAX_PWM duty cycle
2RO
READY. Is set to 1 when the HM is ready for operation. While Ready is 0 Health monitoring and Fan
control functions are disabled.
0: The HM is reset or initializing (default)
1: The HM is enabled and ready for operation
1
R/W
or RO
LOCK. When set to 1, locks itself and the following HM registers: FANPWM1-3 Control Configuration,
Fan1-3 Auto Speed Range and PWM Frequency, Min/Off Spike Smoothing 1-2, FANPWM1-3 Minimum,
Zone1-Zone3 Temperature Limit, Zone1-Zone3 Absolute temperature Limit, Zone1, Zone2, Zone3
Hysteresis, Extended FANPWM Control 1, Extended FANPWM Control 2, Monitoring Control, Tachometer
Monitoring Control, Channels VDD Configuration, Temperature Zones1-3 Gain and Offset Correction,
FANPWM1-3 Maximum Duty.
This bit is reset by Hardware reset.
0: All R/W HM registers are enabled for write (default)
1: Specified HM registers are RO
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com