Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 125 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 125 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 121Page - Analog Devices AD9161BBCZ Datasheet HTML 122Page - Analog Devices AD9161BBCZ Datasheet HTML 123Page - Analog Devices AD9161BBCZ Datasheet HTML 124Page - Analog Devices AD9161BBCZ Datasheet HTML 125Page - Analog Devices AD9161BBCZ Datasheet HTML 126Page - Analog Devices AD9161BBCZ Datasheet HTML 127Page - Analog Devices AD9161BBCZ Datasheet HTML 128Page - Analog Devices AD9161BBCZ Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 125 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0
CKS0
Computed checksum status for
Lane 0 (ignore this output when
NO_ILAS = 1).
0x0
R
0 Checksum is incorrect.
1 Checksum is correct.
0x473 INIT_LANE_SYNC
7
ILS7
Initial lane synchronization
status for Lane 7 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
6
ILS6
Initial lane synchronization
status for Lane 6(ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
5
ILS5
Initial lane synchronization
status for Lane 5 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
4
ILS4
Initial lane synchronization
status for Lane 4 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
3
ILS3
Initial lane synchronization
status for Lane 3 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
2
ILS2
Initial lane synchronization
status for Lane 2 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
1
ILS1
Initial lane synchronization
status for Lane 1 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
0
ILS0
Initial lane synchronization
status for Lane 0 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
0x475 CTRLREG0
7
RX_DIS
Level input: disable deframer
receiver when this input = 1.
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
1 Disable character replacement
of /A/ and /F/ control characters
at the end of received frames
and multiframes.
0 Enables the substitution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com