Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 127 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 127 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 123Page - Analog Devices AD9161BBCZ Datasheet HTML 124Page - Analog Devices AD9161BBCZ Datasheet HTML 125Page - Analog Devices AD9161BBCZ Datasheet HTML 126Page - Analog Devices AD9161BBCZ Datasheet HTML 127Page - Analog Devices AD9161BBCZ Datasheet HTML 128Page - Analog Devices AD9161BBCZ Datasheet HTML 129Page - Analog Devices AD9161BBCZ Datasheet HTML 130Page - Analog Devices AD9161BBCZ Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 127 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
1 After code group sync is
achieved, if a /K/ is followed by
any character other than an /R/
or another /K/, QBD asserts
SYNCOUT.
1
NO_ILAS
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
1 For single-lane operation, ILAS
is omitted. Code group sync is
followed by user data.
0 Code group sync is followed by
ILAS. For multilane operation,
NO_ILAS must always be set to
0.
0
FCHK_N
Checksum calculation method.
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Register 3), and must not
be changed during normal
operation.
0x0
R/W
0 Calculate checksum by
summing individual fields (this
more closely matches the
definition of the checksum field
in the JESD204B standard.
1 Calculate checksum by
summing the registers
containing the packed fields
(this setting is provided in case
the framer of another vendor
performs the calculation with
this method).
0x477 CTRLREG2
7
ILS_MODE
Data link layer test mode. This
signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
0 Normal mode.
1 Code group sync pattern is
followed by a perpetual ILAS
sequence.
6
RESERVED
Reserved.
0x0
R
5
REPDATATEST
Repetitive data test enable,
using JTSPAT pattern. To enable
the test, ILS_MODE must = 0.
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
4
QUETESTERR
Queue test error mode. This
signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com