Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 29Page - NXP Semiconductors PT2000 Datasheet HTML 30Page - NXP Semiconductors PT2000 Datasheet HTML 31Page - NXP Semiconductors PT2000 Datasheet HTML 32Page - NXP Semiconductors PT2000 Datasheet HTML 33Page - NXP Semiconductors PT2000 Datasheet HTML 34Page - NXP Semiconductors PT2000 Datasheet HTML 35Page - NXP Semiconductors PT2000 Datasheet HTML 36Page - NXP Semiconductors PT2000 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 148 page
background image
33
NXP Semiconductors
PT2000
SPI MISO driver with VCCIO = 3.3 V
tR_MISO_S3.3
MISO rise time slow setting:
• CL = 30 pF
• CL = 75 pF
• CL = 150 pF
10
20
40
—
—
—
30
50
90
ns
tF_MISO_S3.3
MISO fall time slow setting:
• CL = 30 pF
• CL = 75 pF
• CL = 150 pF
10
20
40
—
—
—
30
50
90
ns
tR_MISO_F3.3
MISO rise time fast setting:
• CL = 30 pF
• CL = 75 pF
• CL = 150 pF
1.5
2.7
4.4
—
—
—
13.4
17.1
23.9
ns
tF_MISO_F3.3
MISO fall time fast setting:
• CL = 30 pF
• CL = 75 pF
• CL = 150 pF
1.5
2.7
4.4
—
—
—
13.4
17.1
23.9
ns
SPI MISO driver with VCCIO = 5.0 V
tR_MISO_S5.0
MISO rise time slow setting:
• CL = 30 pF
• CL = 75 pF
• CL = 150 pF
9.0
20
35
—
—
—
25
47
77
ns
tF_MISO_S5.0
MISO fall time slow setting:
• CL = 30 pF
• CL = 75 pF
• CL = 150 pF
9.0
20
35
—
—
—
25
47
77
ns
tR_MISO_F5.0
MISO rise time fast setting:
• CL = 30 pF
• CL = 75 pF
• CL = 150 pF
1.1
2.1
3.6
—
—
—
9.6
12.5
17.8
ns
tF_MISO_F5.0
MISO fall time fast setting:
• CL = 30 pF
• CL = 75 pF
• CL = 150 pF
1.1
2.1
3.6
—
—
—
9.6
12.5
17.8
ns
Table 18. SPI electrical characteristics
Characteristics noted under conditions -40 ºC < TA < +125 ºC, referenced to ground, unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com