Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 85Page - NXP Semiconductors PT2000 Datasheet HTML 86Page - NXP Semiconductors PT2000 Datasheet HTML 87Page - NXP Semiconductors PT2000 Datasheet HTML 88Page - NXP Semiconductors PT2000 Datasheet HTML 89Page - NXP Semiconductors PT2000 Datasheet HTML 90Page - NXP Semiconductors PT2000 Datasheet HTML 91Page - NXP Semiconductors PT2000 Datasheet HTML 92Page - NXP Semiconductors PT2000 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 148 page
background image
89
NXP Semiconductors
PT2000
8.3.1
Selection register (3FFh)
The selection register is a 4-bit register aimed to select, before starting the read/write operations toward a given address, which internal
code RAM is accessed or to select all the other addresses (including the 3 data RAMs and all the registers).
Table 57 details the meaning of the 4 bits in this register. Not all possible values are allowed for this register.
This selection register is accessible at address 3FFh and is the only register accessed anyway from the SPI, whatever the value of the
selection register. This means address 3FFh can only be used for this purpose, even if any of the code RAMs is selected, so each 1024x16
code RAM in the MC33PT2000 can actually only store 1023 data. Note that 2 or 3 code RAMs can be written in parallel during normal
mode.
Table 56. selection_register (3FFh)
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Reserved
comm.
page
sel
Reserved
CRAM_
ch3_sel
CRAM_
ch2_sel
CRAM_
ch1_sel
R/W
-
r/w
-
r/w
r/w
r/w
Lock
-
no
-
no
no
no
Reset
0000000
0
00000
0
0
0
Table 57. Selection register
Selection register
comm. page sel
Selection register
CRAM chx
Element addressed
‘0’
“000”
Nothing selected. Further SPI operation, except for the one concerning this register is ignored.
‘0’
“001”
Channel 1 Code RAM selected
‘0’
“010”
Channel 2 Code RAM selected
‘0’
“100”
Channel 3 Code RAM selected
‘0’
“011”
Write operation affects the Code RAM of channel 1 and 2. Read operation is not possible.
‘0’
“101”
Write operation affects the Code RAM of channel 1 and 3. Read operation is not possible.
‘0’
“110”
Write operation affects the Code RAM of channel 2 and 3. Read operation is not possible.
‘0’
“111”
Write operation affects the all three channel’s Code RAM. Read operation is not possible.
‘1’
d.c.
Common page selected. The lower three bits are ignored. “100000000” is written to the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com