Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 93Page - NXP Semiconductors PT2000 Datasheet HTML 94Page - NXP Semiconductors PT2000 Datasheet HTML 95Page - NXP Semiconductors PT2000 Datasheet HTML 96Page - NXP Semiconductors PT2000 Datasheet HTML 97Page - NXP Semiconductors PT2000 Datasheet HTML 98Page - NXP Semiconductors PT2000 Datasheet HTML 99Page - NXP Semiconductors PT2000 Datasheet HTML 100Page - NXP Semiconductors PT2000 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 148 page
background image
97
NXP Semiconductors
PT2000
The return address after an interrupt is always the address where the code execution would continue if no interrupt had occurred. For wait
and conditional jump instructions, the address is defined considering the status of the feedback at the moment the interrupt request took
place.
8.3.2.17
Counter 3 and 4 prescaler register
The counter 3 and 4 of both microcores uses a clock whose period can be programmed to be a multiple of the ck period. Note that the
actual ratio is according to Table 76, Counter prescaler.
Example:
cksys set to 24 MHz (default) with ck_per = 3, resulting with ck at 6.0 MHz
counter_4_per_uc1 = 0001b -> prescaler of 3
counter4_freq = ck /counter_Y_per_ucx = 6.0 MHz /3 = 2.0 MHz
Table 75. Counter_34_prescaler (111h, 131h, 151h)
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
counter_4_per_uc1
counter_3_per_uc1
counter_4_per_uc0
counter_3_per_uc0
R/W
r/w
r/w
r/w
r/w
Lock
yes
yes
yes
yes
Reset
0000
0000
0000
0000
Table 76. Counter prescaler
counter_3/4_per_ucx
Prescaler
0000
1
0001
2
0010
3
0011
4
0100
5
0101
6
0110
7
0111
8
1000
9
1001
10
1010
11
1011
12
1100
14
1101
16
1110
32
1111
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com