Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 49Page - NXP Semiconductors PT2000 Datasheet HTML 50Page - NXP Semiconductors PT2000 Datasheet HTML 51Page - NXP Semiconductors PT2000 Datasheet HTML 52Page - NXP Semiconductors PT2000 Datasheet HTML 53Page - NXP Semiconductors PT2000 Datasheet HTML 54Page - NXP Semiconductors PT2000 Datasheet HTML 55Page - NXP Semiconductors PT2000 Datasheet HTML 56Page - NXP Semiconductors PT2000 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 148 page
background image
53
NXP Semiconductors
PT2000
6.7.2.1
Negative current differential amplifier
The key characteristic of the second differential amplifier is it works at negative differential input voltages and therefore has a negative
gain. This is used to detect overcurrent when the low-side is Off.
The current threshold can be calculated using the following formula.
DAC_VALUE is selected and changed at runtime by the digital microcore by means of the signal dacx_value (3:0).
VDAC LSB is the DAC resolution = 156.25 mV.
VDA_BIAS is the fixed voltage biasing applied to the differential amplifier output = 250 mV.
The Gain Value GDA_DIFF is fixed to -2.0.
RSENSEX is the external sense resistor of the current measurement channel x.
6.7.2.2
Current measurement offset compensation
The analog offset compensation for the differential amplifier 5 and 6 of channel 5 and 6 is done in the same way for channel 1 to 4. The
DAC5/6L and the signal Cur5/6l_fbk are used for the offset compensation. Since the accuracy is not actually critical to detect the
overcurrent, the differential amplifier 5 and 6 negative do not have offset compensation (see Figure 19).
6.8
OA_x output pins, multiplexer and T & H
6.8.1
General features
The output signals of the six current sensing amplifiers are available via three external pins OA_1, OA_2, and OA_3 of the device (refer
to Figure 20). With the OAGainx (1:0) and OAxG1 signal, it is possible to select between five different output gains. This feature is used
to adapt the device to an ADC input range of 3.3 V or 5.0 V, and also to add the possibility of amplifying the output signal even higher for
some special measurement functions. The maximum output voltage at the OA_x pins of VCC5 always has to be taken into account.
For the two higher gains of 3.0 and 5.33, the bias voltage of nominal 250 mV of the input signal is removed before amplifying the signal
and adding again to the amplified signal afterwards.
The OA1/2/3 output pins includes the possibility of switching to hi-impedance mode to enable the direct connection of two of these output
pins to one micro-controller ADC input. All OA_x output multiplexers can also be switched to VCC2P5 as a third option. This is used to
check the connection between the PT2000 and the microcontroller ADC on the ECU level.
Table 31. Boost overcurrent sense amplifier overall gain
Gain value
Normal differential mode input voltage Full scale range current with 10 m
Ω shunt
DAC resolution with 10 m
Ω shunt
-2.0
-1047 mV …0
-104.7 A
-7.81 A
Table 32. OA_x amplifier gain selection and output voltage
Oagainx(1:0)
OAxG1
Gain value
Output voltage
d.c.
1
1.0
VIN * Gain
00
0
1.33
VIN * Gain
01
0
2.0
VIN * Gain
10
0
3.0
(VIN – 250 mV) * Gain +250 mV
11
0
5.33
(VIN – 250 mV) * Gain +250 mV
I
DACVALUE
VDACLSB
×
() 250mV
–
()
GDADIFF RSENSE
⋅
------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com