Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 38Page - NXP Semiconductors PT2000 Datasheet HTML 39Page - NXP Semiconductors PT2000 Datasheet HTML 40Page - NXP Semiconductors PT2000 Datasheet HTML 41Page - NXP Semiconductors PT2000 Datasheet HTML 42Page - NXP Semiconductors PT2000 Datasheet HTML 43Page - NXP Semiconductors PT2000 Datasheet HTML 44Page - NXP Semiconductors PT2000 Datasheet HTML 45Page - NXP Semiconductors PT2000 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 148 page
background image
NXP Semiconductors
42
PT2000
6.4
High-side VDS and VSRC monitor
The PT2000 monitors VDS and VSRC for diagnostic purposes across each high-side to detect any fault occurring on the external
MOSFET. The drain and source voltages of the connected MOSFETs are needed for VDS monitoring. To save pins, the high-side VDS
monitors have no dedicated drain pins, and the drain voltage of the MOSFETs is available via pins VBATT, for the MOSFETs connected
to battery voltage (HS1, HS3, HS5, HS7) and VBOOST or VBATT for the MOSFETs connected to boost or battery voltage (HS2, HS4, and
HS6).
6.4.1
HS1, 3, 5, 7 VDS monitoring
Figure 11. High-side 1, 3, 5, and 7 VDS VSRC and LS1-6 VDS monitoring
Four high-side VDS monitors for high-side pre-drivers 1, 3, 5, and 7 are composed of two comparators with programmable thresholds, the
first one sensing the voltage between VBATT and the source pin S_HSx and the second one sensing the voltage between the source pin
S_HSx and PGND (voltage across the free-wheeling element, either a diode or a MOSFET). A simplified schematic of the high-side VDS
monitors of HS pre-driver 1, 3, 5, and 7 is shown in Figure 11.
VDS and VSRC threshold are selectable by the SPI using registers vds_threshold_hs and vsrc_thresholds_hs (refer to VDS and VSRC
threshold selection). Selectable values are shown in Table 23.
VBATT
G_LSx
VCCP
lsx_vds_threshold (3:0)
PGND
Load
D_LSx
Voltage
Threshold
lsx_vds_fbk
B_HSx
G_HSx
S_HSx
VBOOST / VBAT
hsx_vds_threshold (3:0)
Voltage
Threshold
hsx_src_threshold (3:0)
Voltage
Threshold
hsx_src_fbk
+
–
+
–
VCC5
hsx_vds_Vbatt_fbk
+
–
HS1/3/5/7
LS1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com