Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 45Page - NXP Semiconductors PT2000 Datasheet HTML 46Page - NXP Semiconductors PT2000 Datasheet HTML 47Page - NXP Semiconductors PT2000 Datasheet HTML 48Page - NXP Semiconductors PT2000 Datasheet HTML 49Page - NXP Semiconductors PT2000 Datasheet HTML 50Page - NXP Semiconductors PT2000 Datasheet HTML 51Page - NXP Semiconductors PT2000 Datasheet HTML 52Page - NXP Semiconductors PT2000 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
49
NXP Semiconductors
PT2000
Two comparators are implemented for the VDS monitoring function of D_LS7/8. One is used for normal VDS monitoring (See LS1 - LS6
VDS monitor on page 46), and the other is a high-speed comparator used for the DC/DC resonant converter application.
Normal VDS monitoring:
• Input impedance of D_LSx has to be switched to low speed by setting lSX_VDS_HIGHSPEED_EN to “0” via the SPI register bit (refer to
Table 116, Vds7_dcdc_config (182h) & Vds8_dcdc_config (183h))
•lSX_VDS_FBK is used for diagnostics
• Clamp voltage = 3.5 V
Fast VDS monitoring (DC/DC resonant converter):
• Input impedance of D_LSx has to be switched to high speed by setting lSX_VDS_HIGHSPEED_EN to “1” via SPI register bit (refer to
Table 116, Vds7_dcdc_config (182h) & Vds8_dcdc_config (183h))
• lsx_vds_dcdc is used for resonant detection
• VDS Threshold needs to be set to 2.5 V
For more details on the DC/DC mode See DC/DC converter control (LS7/8) on page 61.
6.7
Current measurement
There are six total input pairs to measure currents with external shunt resistors in a four-wire configuration.
• Four general purpose blocks (#1, 2, 3, and 4).
• Two extended mode block for DC-DC converters (#5 and 6).
The shunt resistors are used in low-side configuration with one of the shunt terminals tied to ground for all the blocks. This means the
PT2000 measures a differential voltage over the two input pins.
6.7.1
General purpose current measurement block
The actuator current flowing in an external sense resistor is measured to implement a closed loop current control. The current
measurement block is comprised of a differential amplifier, sensing the voltage across the sense resistor, a voltage comparator, and an
8-bit current DAC.
Figure 17. General purpose current measurement block diagram
The differential amplifier gain is selectable among four different values by means of the opamapx_gain (1:0) signal, to get the suitable
signal amplification. The gain can be changed at runtime by the microcore using the stgn instruction (reference Programming Guide and
Instruction Set). The differential amplifier also adds a constant offset to its output. Therefore, the output of the amplifier is always positive.
The desired actuator current level can be selected and changed at runtime by the microcore, setting the proper dacx_Value (7:0) threshold
value in the DAC. Each current measurement channel can be used in ADC mode. A track and hold circuit is implemented to keep the
voltage at the comparator input stable during the ADC conversion.
G_LSz
Load
OA_y
dacx_value (7:0)
+
–
VSENSEPx
VSENSENx
+
–
DACx
curx_fbk
AGND
Filter x
Current Measurement (1, 2, 3, 4)
MC33PT2000
Diff Ampx
Comp x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com