Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 40Page - NXP Semiconductors PT2000 Datasheet HTML 41Page - NXP Semiconductors PT2000 Datasheet HTML 42Page - NXP Semiconductors PT2000 Datasheet HTML 43Page - NXP Semiconductors PT2000 Datasheet HTML 44Page - NXP Semiconductors PT2000 Datasheet HTML 45Page - NXP Semiconductors PT2000 Datasheet HTML 46Page - NXP Semiconductors PT2000 Datasheet HTML 47Page - NXP Semiconductors PT2000 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
NXP Semiconductors
44
PT2000
The high-side VDS comparator compares VDS of the high-side MOSFET, acquired through VBOOST, VBATT, and the S_HSx pins, with
the selected threshold. In actual implementation, the selected threshold voltage is subtracted to the VBOOST or VBATT voltage and
compared to the S_HSx voltage.
The high-side VSRC comparator compares the voltage across the freewheeling element, acquired through the S_HSx pins and PGND,
with the selected threshold. In actual implementation, the selected threshold voltage is added to PGND voltage and compared to the
S_HSx voltage.
6.5
Low-side pre-driver (LS1-6)
There are six general purpose low-side pre-drivers and all drive external N-Channel logic level type power MOSFETs used in low-side
configurations.
Figure 13. Low-side pre-driver block diagram
Internal to the device, a gate to source pull-down resistor RPD_LSX holds the external MOSFETs in the off state, while the device is in a
power on reset state (RSTB low).
The low-side pre-drivers are supplied by VCCP voltage. The low-side pre-driver is intended to drive the gate of an external logic level
MOSFET in low-side configuration. The logic command lsx_command, to switch the external MOSFET, is provided by the digital block.
This command is generated, taking into account the following signals:
• Logic command coming from channel logic (lsx_in).
•VCCP undervoltage signals (uv_vccp) from the VCCP UV monitor: In case of an undervoltage, the external MOSFET is switched off.
•VCC5 undervoltage signals (uv_vcc5) from VCC5 UV monitor: In case of an undervoltage the external MOSFET is switched off.
0100
2.0
0101
2.5
0110
3.0
0111
3.5
Table 23. VDS monitor threshold selection (continued)
hsx_vds/src_threshold(3:0)
Threshold voltage HS VDS / HS VSRC
LDO
Load
PGND
DRVEN
D_LSx
G_LSx
VCCP
VBAT
uv_vcc5
uv_vccp
cksys_drven
lsx_in
lsx_slewrate (1:0)
lsx_command
lsx_drven
ls6_en_ovr
MC33PT2000
PGND
RSENSE
LS Pre-driver
Rpd_lsx
other lsx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com