Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 42Page - NXP Semiconductors PT2000 Datasheet HTML 43Page - NXP Semiconductors PT2000 Datasheet HTML 44Page - NXP Semiconductors PT2000 Datasheet HTML 45Page - NXP Semiconductors PT2000 Datasheet HTML 46Page - NXP Semiconductors PT2000 Datasheet HTML 47Page - NXP Semiconductors PT2000 Datasheet HTML 48Page - NXP Semiconductors PT2000 Datasheet HTML 49Page - NXP Semiconductors PT2000 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
NXP Semiconductors
46
PT2000
6.5.2
LS1 - LS6 VDS monitor
Figure 14. VDS monitoring LS1 to LS6
For VDS monitoring of the external low-side MOSFET, a comparator with programmable threshold is provided, sensing the voltage
between the drain pin D_LSx and PGND (VDS of the low-side MOSFET). If a sense resistor is connected between the low-side MOSFET
and ground, the voltage drop on the resistor is included in the measurement. VDS threshold are selectable by the SPI using
vds_threshold_ls registers (refer to Table 96, Vds_threshold_ls_Part 1 (16Fh)) and Table 97, Vds_threshold_ls_Part 2 (170h)). Selectable
values are shown in Table 26.
Table 26. Low-side VDS monitor threshold selection
lsx_vds _threshold(3:0)
Threshold Voltage LS VDS
0000
0.00
1001
0.10
1010
0.20
1011
0.30
1100
0.40
0001
0.50
0010
1.0
0011
1.5
0100
2.0
0101
2.5
0110
3.0
0111
3.5
G_LSx
VCCP
lsx_vds_threshold (3:0)
PGND
Load
D_LSx
Voltage
Threshold
lsx_vds_fbk
+
–
LS1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com