Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 75Page - NXP Semiconductors PT2000 Datasheet HTML 76Page - NXP Semiconductors PT2000 Datasheet HTML 77Page - NXP Semiconductors PT2000 Datasheet HTML 78Page - NXP Semiconductors PT2000 Datasheet HTML 79Page - NXP Semiconductors PT2000 Datasheet HTML 80Page - NXP Semiconductors PT2000 Datasheet HTML 81Page - NXP Semiconductors PT2000 Datasheet HTML 82Page - NXP Semiconductors PT2000 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 148 page
background image
79
NXP Semiconductors
PT2000
8.3
SPI address map
Table 55. MC33PT2000 address map
Selection register
[8:0]/chip select
Address
(Hex)
Lock
Description
Table number
Area addressed
“0…001” /
ch_sel_1(1)
0
yes
Code RAM of channel 1, See CRAM on page 73
Code RAM of
channel 1
...
3FE
“0…010”/
ch_sel_2(1)
0
yes
Code RAM of channel 2, See CRAM on page 73
Code RAM of
channel 2
...
3FE
“0…100”/
ch_sel_3(1)
0
yes
Code RAM of channel 3, See CRAM on page 73
Code RAM of
channel 3
...
3FE
“1…000” /
ch_sel_1(0)
0
no
Data RAM of channel 1, See DRAM on page 73
Data RAM of
channel 1
...
2F
30
yes Data RAM of channel 1, private area, See DRAM on page 73
...
3F
“1…000” /
ch_sel_2(0)
40
no
Data RAM of channel 2, See DRAM on page 73
Data RAM of
channel 2
...
6F
70
yes Data RAM of channel 2, private area, See DRAM on page 73
...
7F
“1…000” /
ch_sel_3(0)
80
no
Data RAM of channel 3, See DRAM on page 73
Data RAM of
channel 3
...
9F
A0
yes Data RAM of channel 3, private area, See DRAM on page 73
...
BF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com