Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 80Page - NXP Semiconductors PT2000 Datasheet HTML 81Page - NXP Semiconductors PT2000 Datasheet HTML 82Page - NXP Semiconductors PT2000 Datasheet HTML 83Page - NXP Semiconductors PT2000 Datasheet HTML 84Page - NXP Semiconductors PT2000 Datasheet HTML 85Page - NXP Semiconductors PT2000 Datasheet HTML 86Page - NXP Semiconductors PT2000 Datasheet HTML 87Page - NXP Semiconductors PT2000 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 148 page
background image
NXP Semiconductors
84
PT2000
“1…000” /
ext_sel_io
172
no
ls_slewrate_part1
Table 100
IO configuration
registers
173
no
ls_slewrate_part2
Table 101
174
no
offset_compensation12
Table 102
175
no
offset_compensation34
Table 103
176
no
offset_compensation56
Table 104
177
no
adc12_result
Table 105
178
no
adc34_result
Table 106
179
no
adc56_result
Table 107
17A
yes
current_filter12
Table 108
17B
yes
current_filter34
Table 109
17C
yes
current_filter5l5h
Table 110
17D
yes
current_filter6l6h
Table 111
17E
yes
current_filter5neg6neg
Table 112
17F
no
boost_dac
Table 113
180
yes
boost_dac_access
Table 114
181
yes
boost_filter
Table 115
182
no
vds7_dcdc_config
Table 116
183
no
vds8_dcdc_config
Table 116
184
-
batt_result
Table 118
185
no
dac12_value
Table 119
186
no
dac34_value
Table 120
187
no
dac5l5h_value
Table 121
188
no
dac5neg_value
Table 122
189
no
dac6l6h_value
Table 123
18A
no
dac6neg_value
Table 124
18B
no
hs_bias_config
Table 125
18C
no
ls_bias_config
Table 126
18D
-
bootstrap_charged
Table 127
18E
-
bootstrap_timer
Table 128
18F
yes
hs1_ls_act
Table 131
Table 55. MC33PT2000 address map
Selection register
[8:0]/chip select
Address
(Hex)
Lock
Description
Table number
Area addressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com