Electronic Components Datasheet Search
  English  ▼

X  

PT2000 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 5Page - NXP Semiconductors PT2000 Datasheet HTML 6Page - NXP Semiconductors PT2000 Datasheet HTML 7Page - NXP Semiconductors PT2000 Datasheet HTML 8Page - NXP Semiconductors PT2000 Datasheet HTML 9Page - NXP Semiconductors PT2000 Datasheet HTML 10Page - NXP Semiconductors PT2000 Datasheet HTML 11Page - NXP Semiconductors PT2000 Datasheet HTML 12Page - NXP Semiconductors PT2000 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 148 page
background image
9
NXP Semiconductors
PT2000
ePAD
PGND
Ground
—
Power ground (to be soldered on GND PCB)
Notes
2.
External 7.0 V is required in case the typical battery voltage is 24 V (See External VCCP (vccp_ext_en='1') on page 35).
3.
Except for supply and ground, it is guaranteed by design unused pins can be kept open without any impact on the device.
4.
Unused VSENSEPx and VSENSENx pins can both be connected to GND.
Table 3. Resistor types
Pin type
Description
PU
Pull-up to VCCIO (nominal value: 120 k
Ω)
Weak PU
Weak pull-up to VCCIO (nominal value: 480 k
Ω)
PD
Pull-down to AGND (nominal value: 120 k
Ω)
Weak PD
Weak pull-down to AGND (nominal value: 480 k
Ω)
Table 2. PT2000 pin definitions (2), (3), (4)(continued)
Pin
Pin name
Pin function
Pull
configuration
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com